Electronic Components Datasheet Search
  English  ▼

X  

LTC4120 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4120
Description  Wireless Power Receiver and 400mA Buck Battery Charger
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4120 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4120 Datasheet HTML 16Page - Linear Technology LTC4120 Datasheet HTML 17Page - Linear Technology LTC4120 Datasheet HTML 18Page - Linear Technology LTC4120 Datasheet HTML 19Page - Linear Technology LTC4120 Datasheet HTML 20Page - Linear Technology LTC4120 Datasheet HTML 21Page - Linear Technology LTC4120 Datasheet HTML 22Page - Linear Technology LTC4120 Datasheet HTML 23Page - Linear Technology LTC4120 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LTC4120/LTC4120-4.2
20
4120ff
For more information www.linear.com/LTC4120
APPLICATIONS INFORMATION
input to the LTC4120 to prevent exceeding the absolute
maximum rating of the LTC4120. Diode D6 (in Figure 4
and Figure 10) illustrates this connection.
The RMS voltage at the rectifier output depends on the
load of the LTC4120, i.e., the charge current, as well as the
applied AC current, IAC. The applied AC current depends
both on the components of the tuned network as well as
the applied DC voltage. The load at the receiver depends
on the state of charge of the battery. If the coupling and/
or the applied AC current is not well controlled, the addi-
tion of a 39V Zener diode (D6 in Figures 4 and 10) at the
input to the LTC4120 will prevent overvoltage conditions
from damaging the LTC4120.
Resonant Transmitter and Receiver
An example DC/AC transmitter is shown in Figure 10.
A 5V ±5% supply to the transmitter efficiently produces a
circulating AC current in LX, which is coupled to LR. For
higher voltage inputs, a pre-regulator DC/DC converter
can be used to generate 5V (see Figure 11). Power is
transmitted from transmitter to receiver at the resonant
C4
0.01µF
R1
100
C5
0.01µF
CX
0.3µF
LX
5µH
LR
D2
D1
LB1
68µH
LB2
68µH
VCC
4.75V TO 5.25V
TRANSMITTER
RECEIVER
R2
100
D2
M1
M2
D3
D1
D4
D3
C3
L1
C2S2
C2S1
C2P1
C1
10µF
C5
10µF
D4
39V
OPT
C4
2.2µF
C2
47µF
C2P2
DHC
INTVCC
BOOST
SW
CHGSNS
BAT
FB
FBG
4120 F10
IN
GND
U1
LTC4120
+
VIN
U1
LT3480
GND
BD
BOOST
SW
PG
VC
RUN/SS
SYNC
RT
FB
C9
0.47µF
C7
0.068µF
C8
330pF
R5
20k
C10
22µF
M4
2N7002L
M3
Si2333DS
VCC
5V
CONNECT
TO Tx VCC
R8
150k
L3
4.7µF
D5
DFLS240L
C6
4.7µF
HVIN
8V TO 38V
GND
R4
40.2k
R3
150k
R7
536k
R10
100k
R6
100k
4120 F11
Figure 10. DC/AC Converter, Transmit/Receive Coils, Tuned Series Resonant Receiver and AC/DC Rectifier
Figure 11. High Voltage Pre-Regulator for Transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com