Electronic Components Datasheet Search
  English  ▼

X  

LTC6947 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6947
Description  Ultralow Noise and Spurious Fractional-N Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6947 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6947 Datasheet HTML 2Page - Linear Technology LTC6947 Datasheet HTML 3Page - Linear Technology LTC6947 Datasheet HTML 4Page - Linear Technology LTC6947 Datasheet HTML 5Page - Linear Technology LTC6947 Datasheet HTML 6Page - Linear Technology LTC6947 Datasheet HTML 7Page - Linear Technology LTC6947 Datasheet HTML 8Page - Linear Technology LTC6947 Datasheet HTML 9Page - Linear Technology LTC6947 Datasheet HTML 10Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
dc1846af
DEMO MANUAL DC1846A
PARTS LIST
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
1
0
CI1_A, C3_F2, C3_F3, CP_A, C14
CAP, 0603
OPT
2
6
CI1_P, C5, C12, C13, C18, C31
CAP, 0603 1.0µF 10% 10V X7R
TAIYO YUDEN, LMK107B7105KA-T
3
0
CI2_P, CI2_A
CAP, 1206
OPT
4
1
CP_P
CAP, 0603 47nF 10% 50V X7R
AVX 06035C473KAT2A
5
3
C1, C19, C33
CAP, 7361 47µF 10% 35V, 7361
AVX TAJV476K035RNJ
6
3
C2, C21, C35
CAP, 0805 0.1µF 10% 50V X7R
AVX 08055C104KAT2A
7
2
C3, C16
CAP, 7343 330µF 10% 10V TANT
AVX TPME337K010R0035
8
9
C4, C6, C11, C30, C36, C39, C41, C43, C44
CAP, 0402 0.1µF 10% 10V X7R
TAIYO YUDEN, LMK105B7104KV-F
9
1
C7
CAP, 7343 47µF 10% 20V TANT
AVX TAJD476K020RNJ
10
2
C8, C15
CAP, 0402 1µF 10% 16V X5R
TDK C1005X5R1C105K
11
4
C17, C23, C34, C45
CAP, 0402 0.01µF 10% 16V X7R
AVX 0402YC103KAT2A
12
1
C2_F1
CAP, 0603 33nF 10% 50V X7R
AVX 06035C333KAT2A
13
0
C25, C28
CAP, 0402
OPT
14
4
C26, C29, C37, C38
CAP, 0402 100pF 10% 16V NPO
AVX 0402YA101KAT2A
15
1
D1
LED, RED
PANASONIC LN1251CTR
16
10
E3, E6, E11-E18
TURRET
MILL-MAX 2501-2-00-80-00-00-07-0
17
1
JP1
HEADER, 3-PIN 2mm
SAMTEC TMM-103-02-L-S
18
4
J2, J5, J6, J7
CONN, SMA 50Ω EDGE-LAUNCH
E.F. JOHNSON, 142-0701-851
19
0
J3, J4
CONN, SMA 50Ω Straight
OPT
20
4
J9, J10, J11, J12
JACK, BANANA
KEYSTONE 575-4
21
1
J13
HEADER, 7 DUAL PIN, 2mm
MOLEX 87831-1420
22
0
L1
IND, 0402
OPT
23
2
L2, L3
IND, 0402 68nH 5%
COILCRAFT 0402HPH-68NXJLW
24
1
L1_F1
RES, 0805, 0Ω JUMPER
VISHAY CRCW08050000Z0EA
25
0
L1_F2, L1_F3
IND, 0805
OPT
26
2
R1_F1, RZ_P
RES, 0603 21Ω 1% 1/10W
VISHAY CRCW060321R0FKED
27
5
R1, R2, R11, R20, R26
RES, 0402 4.99kΩ 1% 1/16W
VISHAY CRCW04024K99FKED
28
1
R4
RES, 0402 330Ω 1% 1/16W
NIC NRC04F3300TRF
29
1
R5
RES, 0402 51.1Ω 1% 1/10W
VISHAY CRCW040251R1FKED
30
4
R7, R8, R18, R19
RES, 0402 200kΩ 1% 1/16W
VISHAY CRCW0402200KFKED
31
4
R9, R14, R16, R2_F2
RES, 0603 0Ω JUMPER
VISHAY CRCW06030000Z0EA
32
3
R12, R21, R22
RES, 0402 100Ω 5% 1/16W
VISHAY CRCW0402101RJKED
33
0
R13, R15, R2_F3, RZ_A, R31
RES, 0603
OPT
34
0
R23, R24
RES, 0402
OPT
35
5
R25, R27, R28, R29, R30
RES, 0402 0Ω JUMPER
VISHAY CRCW04020000Z0EA
36
1
U1
IC, QFN28IUFD-4X5
LINEAR TECH. LTC6947IUFD
37
1
U2
IC, LOW NOISE AMP, SO8
LINEAR TECH. LT1678IS8#PBF
38
1
U3
IC, VCO
CRYSTEK, CVCO55CC-2328-2536
39
0
U4
IC, CRYSTAL OSCILLATOR
OPT
40
2
U5, U10
IC, DUAL BUFFER, SC70
FAIRCHILD SEMI NC7WZ17P6X
41
1
U8
I.C., Serial EEPROM, TSSOP8
MICROCHIP, 24LC025-I /ST
42
1
U11
IC, DUAL TRANSCEIVER, SOT363
NXP 74LVC1T45GW
43
1
SHUNT ON JP1 (2&3)
SHUNT, 2mm CTRS
SAMTEC 2SN-BK-G



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com