Electronic Components Datasheet Search
  English  ▼

X  

LTC6947 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6947
Description  Ultralow Noise and Spurious Fractional-N Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6947 Datasheet(HTML) 1 Page - Linear Technology

  LTC6947 Datasheet HTML 1Page - Linear Technology LTC6947 Datasheet HTML 2Page - Linear Technology LTC6947 Datasheet HTML 3Page - Linear Technology LTC6947 Datasheet HTML 4Page - Linear Technology LTC6947 Datasheet HTML 5Page - Linear Technology LTC6947 Datasheet HTML 6Page - Linear Technology LTC6947 Datasheet HTML 7Page - Linear Technology LTC6947 Datasheet HTML 8Page - Linear Technology LTC6947 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
dc1846af
DEMO MANUAL DC1846A
DESCRIPTION
LTC6947
Ultralow Noise and Spurious
Fractional-N Synthesizer
Demonstration circuit 1846A features the LTC®6947, an
Ultralow Noise and Spurious Fractional-N Synthesizer.
DC1846A provides 50Ω SMA connectors for the reference
frequency (REF+) and the two single-ended RF outputs
(RF+ and RF–).
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
FracNWizard is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
A DC590 USB serial controller board is used for SPI com-
munication with the LTC6947, controlled by the supplied
FracNWizard™ software.
Design files for this circuit board are available at
http://www.linear.com/demo
Figure 1. DC1846A Connections
 
 
 
 
 
Frequency 
reference input, 
SMA 
External VCO 
input, SMA 
Differential 
output of VCO 
buffer, SMA 
3.3 V DC supply, 
banana jacks 
5 V DC supply, 
banana jacks
Ribbon 
cable 
connection 
to DC590 
Active loop filter op‐
amp DC supply, turret 
U3 (VCO) DC 
supply, turret 
U4 (VCO or VCXO) 
DC supply, turret 
Enable (pin 2) 
of U4 (VCO or 
VCXO), turret 


Similar Part No. - LTC6947

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6947 LINER-LTC6947 Datasheet
428Kb / 32P
Ultralow Noise 0.35GHz to 6GHz Fractional-N Synthesizer
LTC6947 LINER-LTC6947_15 Datasheet
428Kb / 32P
Ultralow Noise 0.35GHz to 6GHz Fractional-N Synthesizer
More results

Similar Description - LTC6947

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
Fractional-N Frequency Synthesizer
7/03-Revision 0
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
Fractional-N Frequency Synthesizer
Rev. F
logo
Linear Technology
LTC6946 LINER-LTC6946 Datasheet
386Kb / 30P
Ultralow Noise and Spurious 0.37GHz to 5.7GHz Integer-N Synthesizer with Integrated VCO
LTC6945 LINER-LTC6945_15 Datasheet
378Kb / 28P
Ultralow Noise and Spurious 0.35GHz to 6GHz Integer-N Synthesizer
LTC6946 LINER-LTC6946_15 Datasheet
576Kb / 32P
Ultralow Noise and Spurious 0.37GHz to 6.39GHz Integer-N Synthesizer with Integrated VCO
LTC6947 LINER-LTC6947_15 Datasheet
428Kb / 32P
Ultralow Noise 0.35GHz to 6GHz Fractional-N Synthesizer
LTC6948 LINER-LTC6948_15 Datasheet
503Kb / 36P
Ultralow Noise 0.37GHz to 6.39GHz Fractional-N Synthesizer with Integrated VCO
LTC6948 LINER-LTC6948 Datasheet
818Kb / 10P
Ultralow Noise and Spurious Fractional-N Synthesizer with Integrated VCO
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
Fractional-N Frequency Synthesizer
12/2016-Rev. F to Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com