Electronic Components Datasheet Search
  English  ▼

X  

LTC7001 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC7001
Description  Fast 150V High Side NMOS Static Switch Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7001 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC7001 Datasheet HTML 8Page - Linear Technology LTC7001 Datasheet HTML 9Page - Linear Technology LTC7001 Datasheet HTML 10Page - Linear Technology LTC7001 Datasheet HTML 11Page - Linear Technology LTC7001 Datasheet HTML 12Page - Linear Technology LTC7001 Datasheet HTML 13Page - Linear Technology LTC7001 Datasheet HTML 14Page - Linear Technology LTC7001 Datasheet HTML 15Page - Linear Technology LTC7001 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC7001
13
7001fb
For more information www.linear.com/LTC7001
Typical applicaTions
High Side Switch with Inrush Control and OVLO
High Side Switch with VCCUV and OVLO
4.7µF
0.47µF
220k
LOAD
15mF
0V TO 60V
47µF
+1µF
TGUP
TGDN
BST
TS
OVLO
INP
VCC
VCCUV
7001 TA02
LTC7001
IRFS4115PBF
DFLS1150
VIN
0V TO 60V
(150V TOLERANT)
VCC
7V TO 15V
ON
OFF
GND
590k
10
12.1k
0.1µF
LOAD
0V TO 100V
TGUP
TGDN
BST
TS
OVLO
INP
VCCUV
VCC
7001 TA03
LTC7001
BSC12DN20NS3G
VIN
0V TO 100V
(150V TOLERANT)
VCC
5V TO 15V
ON
OFF
GND
12.1k
976k
71.5k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com