Electronic Components Datasheet Search
  English  ▼

X  

LTC7001 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC7001
Description  Fast 150V High Side NMOS Static Switch Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7001 Datasheet(HTML) 2 Page - Linear Technology

  LTC7001 Datasheet HTML 1Page - Linear Technology LTC7001 Datasheet HTML 2Page - Linear Technology LTC7001 Datasheet HTML 3Page - Linear Technology LTC7001 Datasheet HTML 4Page - Linear Technology LTC7001 Datasheet HTML 5Page - Linear Technology LTC7001 Datasheet HTML 6Page - Linear Technology LTC7001 Datasheet HTML 7Page - Linear Technology LTC7001 Datasheet HTML 8Page - Linear Technology LTC7001 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC7001
2
7001fb
For more information www.linear.com/LTC7001
pin conFiguraTion
absoluTe MaxiMuM raTings
Supply Voltages
BST-TS................................................... –0.3V to 15V
VCC......................................................... –0.3V to 15V
TS Voltage .................................................. –6V to 150V
BST Voltage ............................................ –0.3V to 150V
INP Voltage ................................................... –6V to 15V
Driver Outputs TGUP, TGDN............................... (Note 6)
VCCUV Voltage ................................................ –0.3 to 6V
OVLO Voltage .............................................. –0.3V to 6V
Operating Junction Temperature Range (Notes 2, 3, 4)
LTC7001E, LTC7001I, ........................ –40°C to 125°C
LTC7001H, ......................................... –40°C to 150°C
LTC7001MP ....................................... –55°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSOP Package .................................................300°C
(Note 1)
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC7001EMSE#PBF
LTC7001EMSE#TRPBF
LTGXD
10-Lead Plastic MSOP
–40°C to 125°C
LTC7001IMSE#PBF
LTC7001IMSE#TRPBF
LTGXD
10-Lead Plastic MSOP
–40°C to 125°C
LTC7001HMSE#PBF
LTC7001HMSE#TRPBF
LTGXD
10-Lead Plastic MSOP
–40°C to 150°C
LTC7001MPMSE#PBF
LTC7001MPMSE#TRPBF
LTGXD
10-Lead Plastic MSOP
–55°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *Temperature grades are identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
1
2
3
4
5
VCC
VCCUV
GND
INP
OVLO
10
9
8
7
6
NC
BST
TS
TGUP
TGDN
TOP VIEW
MSE PACKAGE
10-LEAD PLASTIC MSOP
11
GND
TJMAX = 150°C, θJA = 45°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supplies
TS Operating Voltage Range
0
135
V
VCC Supply Current (Note 5)
ON Mode
Sleep Mode
VBST-TS = 13V
VINP = 4V
VINP = 0.4V
27
27
50
50
µA
μA
http://www.linear.com/product/LTC7001#orderinfo
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VCC = VBST = 10V, VTS = GND = 0V, unless otherwise
noted.
elecTrical characTerisTics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com