Electronic Components Datasheet Search
  English  ▼

X  

DKFS Datasheet(PDF) 3 Page - Schurter Inc.

Part # DKFS
Description  Magnetically Compensated SMD Choke, compact
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DKFS Datasheet(HTML) 3 Page - Schurter Inc.

  DKFS Datasheet HTML 1Page - Schurter Inc. DKFS Datasheet HTML 2Page - Schurter Inc. DKFS Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Suppression Chokes
DKFS
https://www.schurter.com /PG81_82
EMC Products
All Variants
In [A]
Ln [mH]
Rcu
[m
Ω]
Powerloss [W]
fRES
[MHz]
Weight [g]
Housings
Packing unit [pcs.]
Order Number
0.4
39
1286
0.2
0.15
6 g
2B
100
DKFS-B22B-D439
0.5
27
841
0.21
0.2
6 g
2B
100
DKFS-B22B-D527
0.5
4
500
0.25
1.2
2 g
48-2S
176
DKFS-6248-D504
█
0.6
15
453
0.16
0.35
6 g
2B
100
DKFS-B22B-D615
0.8
10
336
0.22
0.45
6 g
2B
45
DKFS-B22B-D810
0.9
2
240
0.39
1.6
2 g
48-2S
176
DKFS-6248-0102
1
8.2
269
0.27
0.55
6 g
2B
45
DKFS-B22B-0J2Q
1.2
6.8
219
0.32
0.6
6 g
2B
45
DKFS-B22B-1K6Q
1.5
3.3
122
0.28
1.8
6 g
2B
45
DKFS-B22B-1N3L
2
0.5
50
0.4
4.5
2 g
48-2S
176
DKFS-6248-02D5
█
2
1.8
57
0.23
3
6 g
2B
45
DKFS-B22B-021Q
2.5
1.5
41
0.26
4.5
6 g
2B
45
DKFS-B22B-5K5J
3
1.2
30
0.27
5
6 g
2B
45
DKFS-B22B-0L2J
4
0.7
18
0.29
6.5
6 g
2B
45
DKFS-B22B-04D7
█ Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Standard packaging carton box, tape and reel packaging on request
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com