Electronic Components Datasheet Search
  English  ▼

X  

DKFS Datasheet(PDF) 2 Page - Schurter Inc.

Part # DKFS
Description  Magnetically Compensated SMD Choke, compact
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DKFS Datasheet(HTML) 2 Page - Schurter Inc.

  DKFS Datasheet HTML 1Page - Schurter Inc. DKFS Datasheet HTML 2Page - Schurter Inc. DKFS Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Suppression Chokes
DKFS
https://www.schurter.com /PG81_82
EMC Products
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
CE declaration of conformity
SCHURTER AG
The CE marking declares that the product complies with the applicable
requirements laid down in the harmonisation of Community legislation on
its affixing in accordance with EU Regulation 765/2008.
RoHS
SCHURTER AG
EU Directive RoHS 2011/65/EU
China RoHS
SCHURTER AG
The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March
2007. It is similar to the EU directive RoHS.
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.
Dimension [mm]
Case 48-2S (SMD-Version)
0.45
max. 11
max. 10.5
0
max. 13.5
14
2
4
3
max. 8.2
3.7
±0.2
1
1)
1) Possible solder land pattern
Case 2B
max. 13
max. 13.5
0.8
1.3
10
1)
10
4
2
3
1
(4x)
±0.3
1) Possible solder land pattern
Impedance curves
DKFS-6248-xxxx
10k
100k
1M
10M f [Hz]
z [
Ω]
1M
100k
10k
1k
100
10
0.5 A
0.9 A
2A
DKFS-B22B-xxxx
10k
100k
1M
10M f [Hz]
z [
Ω]
1M
100k
10k
1k
100
10
0.4A
0.5A
0.6A
0.8A
1.0A
1.2A
1.5A
2.0A
2.5A
3.0A
4.0A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com