Electronic Components Datasheet Search
  English  ▼

X  

HCPL-663K Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCPL-663K
Description  Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-663K Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL-663K Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-663K Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-663K Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-663K Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-663K Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-663K Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-663K Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-663K Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-663K Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Electrical Characteristics (T
A = -55°C to +125°C, unless otherwise specified)
Group A[13]
Parameter
Symbol
Test Conditions
Subgroups
Min. Typ.** Max. Units Fig.
Note
High Level
IOH*VCC = 5.5 V, VO = 5.5 V,
1, 2, 3
20
250
µA1
1
Output Current
IF = 250 µA
Low Level
VOL*VCC = 5.5 V, IF = 10 mA,
1, 2, 3
0.3
0.6
V
2
1, 9
Output Voltage
IOL (Sinking) = 10 mA
Current Transfer
hF CTR VO = 0.6 V, IF = 10 mA,
1, 2, 3
100
%
1
Ratio
VCC = 5.5 V
Logic
Single
ICCH*VCC = 5.5 V, IF = 0 mA
1, 2, 3
9
14
mA
1
High
Channel
Dual
VCC = 5.5 V,
18
28
mA
6
Channel
IF1 = IF2 = 0 mA
Quad
VCC = 5.5 V, IF1 = IF2 =25
42
mA
Channel
IF3 = IF4 = 0 mA
Logic
Single
ICCL*VCC = 5.5 V,
1, 2, 3
13
18
mA
1
Low
Channel
IF = 20 mA
Dual
VCC = 5.5 V,
26
36
mA
6
Channel
IF1 = IF2 = 20 mA
Quad
VCC = 5.5 V, IF1 = IF2 =33
50
mA
Channel
IF3 = IF4 = 20 mA
Input Forward
VF*IF = 20 mA
1, 2, 3
1.5
1.9
V
3
1, 15
1, 2
1.55
1.75
V
3
1, 16
3
1.85
Input Reverse
BVR*IR = 10 µA
1, 2, 3
5
V
1
Breakdown
Voltage
Input-Output
II-O*
RH = 45%
1
1.0
µA
2, 8, 17
Leakage Current
TA = 25°C
t = 5 s
1
1.0
µA18
Capacitance
CI-O
f = 1 MHz, TC = 25°C
4
1.0
4.0
pF
1, 3,
Between Input/
14
Output
*Identified test parameters for JEDEC registered parts.
**All typical values are at VCC = 5 V, TA = 25°C.
Recommended Operating Conditions (cont’d.)
Single Channel Product Only[10]
Parameter
Symbol
Min.
Max.
Units
High Level Enable Voltage
VEH
2.0
VCC
V
Low Level Enable Voltage
VEL
0
0.8
V
Limits
Supply
Current
Supply
Current
Voltage
VI-O = 1500
Vdc
VI-O = 2500
Vdc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com