Electronic Components Datasheet Search
  English  ▼

X  

HCPL-663K Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HCPL-663K
Description  Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-663K Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL-663K Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-663K Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-663K Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-663K Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-663K Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-663K Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-663K Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-663K Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-663K Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Notes:
1. Each channel.
2. All devices are considered two-terminal devices; II-O is measured between all input leads or terminals shorted together and all
output leads or terminals shorted together.
3. Measured between each input pair shorted together and all output connections for that channel shorted together.
4. Measured between adjacent input pairs shorted together for each multichannel device.
5. tPHL propagation delay is measured from the 50% point on the leading edge of the input pulse to the 1.5 V point on the leading
edge of the output pulse. The tPLH propagation delay is measured from the 50% point on the trailing edge of the input pulse to the
1.5 V point on the trailing edge of the output pulse.
6. The HCPL-6630, HCPL-6631, and HCPL-663K dual channel parts function as two independent single channel units. Use the single
channel parameter limits for each channel.
7. CML is the maximum rate of rise of the common mode voltage that can be sustained with the output voltage in the logic low state
(VO < 0.8 V). CMH is the maximum rate of fall of the common mode voltage that can be sustained with the output voltage in the
logic high state (VO > 2.0 V).
8. This is a momentary withstand test, not an operating condition.
9. It is essential that a bypass capacitor (0.01 to 0.1
µF, ceramic) be connected from V
CC to ground. Total lead length between both
ends of this external capacitor and the isolator connections should not exceed 20 mm.
10. No external pull up is required for a high logic state on the enable input.
11. The tELH enable propagation delay is measured from the 1.5 V point on the trailing edge of the enable input pulse to the 1.5 V
point on the trailing edge of the output pulse.
12. The tEHL enable propagation delay is measured from the 1.5 V point on the leading edge of the enable input pulse to the 1.5 V
point on the leading edge of the output pulse.
13. Standard parts receive 100% testing at 25
°C (Subgroups 1 and 9). SMD and 883B parts receive 100% testing at 25, 125, and
-55
°C (Subgroups 1 and 9, 2 and 10, 3 and 11, respectively).
14. Parameters are tested as part of device initial characterization and after design and process changes. Parameters are guaranteed
to limits specified for all lots not specifically tested.
15. Not required for 6N134, 6N134/883B, 8102801, HCPL-268K and 5962-9800101 types.
16. Required for 6N134, 6N134/883B, 8102801, HCPL-268K and 5962-9800101 types.
17. Not required for HCPL-5650, HCPL-5651 and 8102805 types.
18. Required for HCPL-5650, HCPL-5651 and 8102805 types only.
Figure 1. High Level Output Current
vs. Temperature.
Figure 2. Input-Output
Characteristics.
Figure 3. Input Diode Forward
Characteristic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com