Electronic Components Datasheet Search
  English  ▼

X  

MPQ4470GL Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPQ4470GL
Description  High-Efficiency, Fast-Transient, 5A, 36V Step-Down Converter Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4470GL Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPQ4470GL Datasheet HTML 1Page - Monolithic Power Systems MPQ4470GL Datasheet HTML 2Page - Monolithic Power Systems MPQ4470GL Datasheet HTML 3Page - Monolithic Power Systems MPQ4470GL Datasheet HTML 4Page - Monolithic Power Systems MPQ4470GL Datasheet HTML 5Page - Monolithic Power Systems MPQ4470GL Datasheet HTML 6Page - Monolithic Power Systems MPQ4470GL Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EV4470/4470A-L-00A – 5A, 36V, STEP-DOWN CONVERTER EVALUATION BOARD
EV4470/4470A-L-00A Rev. 1.0
www.MonolithicPower.com
3
5/4/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EVB TEST RESULTS
Performance waveforms are tested on the evaluation board.
VIN = 24V, VOUT = 3.3V, TA = 25°C, unless otherwise noted.
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
0
5
10
15
20
25
30
35
40
45
50
1 1.5 2 2.5 3 3.5 4 4.5 5
300
400
500
600
700
1 1.5 2 2.5 3 3.5 4 4.5 5
450
500
550
0
5 10 15 20 25 30 35 40
-1.50
-1.00
-0.50
0.00
0.50
1.00
1.50
0
1020
3040
-1.00
-0.50
0.00
0.50
1.00
01
23
45



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com