Electronic Components Datasheet Search
  English  ▼

X  

MPQ4470GL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ4470GL
Description  High-Efficiency, Fast-Transient, 5A, 36V Step-Down Converter Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4470GL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ4470GL Datasheet HTML 1Page - Monolithic Power Systems MPQ4470GL Datasheet HTML 2Page - Monolithic Power Systems MPQ4470GL Datasheet HTML 3Page - Monolithic Power Systems MPQ4470GL Datasheet HTML 4Page - Monolithic Power Systems MPQ4470GL Datasheet HTML 5Page - Monolithic Power Systems MPQ4470GL Datasheet HTML 6Page - Monolithic Power Systems MPQ4470GL Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EV4470/4470A-L-01A
High-Efficiency, Fast-Transient, 5A, 36V
Step-Down Converter Evaluation Board
EV4470/4470A-L-00A Rev. 1.0
www.MonolithicPower.com
1
5/4/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV4470-L-01A is an evaluation board for
the MP/MPQ4470, while EV4470A-L-01A is an
evaluation board for the MP/MPQ4470A.
MP/MPQ4470 and MP/MPQ4470A are high-
efficiency step-down regulator with integrated
power MOSFETs. They offer a very compact
solution to achieve a 5A, continuous-output
current over a wide input-supply range with
excellent load and line regulation. They also
provide fast transient response and good
stability for wide input-supply and load range.
MP/MPQ4470
have
OVP
latch
while
MP/MPQ4470A have no this function.
The EV4470-L-01A and EV4470A-L-01A are
fully assembled and tested evaluation boards.
They generate +3.3V output voltage at load
current up to 5A from a 4.5V to 36V input range.
Switching frequency of both boards are set at
500kHz.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
4.5 – 36
V
Output Voltage
VOUT
3.3
V
Output Current
IOUT
5
A
FEATURES
• Wide 4.5V-to-36V Operating Input Range
• Guaranteed 5A, Continuous Output Current
• Internal 40mΩ High-Side, 20mΩ Low-Side
Power MOSFETs
• Proprietary Switching-Loss-Reduction
Technology
• 1% Reference Voltage
• Programmable Soft-Start Time
• Low Drop-out Mode
• SCP, OCP, OVP latch (EV4470 only), UVP
and Thermal Shutdown
APPLICATIONS
•
Notebook Systems and I/O Power
•
Automotive Systems
•
Networking Systems
•
Industrial Supplies
•
Optical Communications Systems
•
Distributed Power and POL Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
EVALUATION BOARD
(L x W x H) 2.5” x 2.5” x 0.4”
(6.4cm x 6.4cm x 1.0cm)
Board Number
MPS IC Number
EV4470-L-01A
MPQ4470GL
(L x W x H) 2.5” x 2.5” x 0.4”
(6.4cm x 6.4cm x 1.0cm)
Board Number
MPS IC Number
EV4470A-L-01A
MPQ4470AGL


Similar Part No. - MPQ4470GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4470GL MPS-MPQ4470GL Datasheet
805Kb / 20P
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4470GL MPS-MPQ4470GL Datasheet
901Kb / 7P
High-Efficiency, Fast-Transient, 5A, 36V Step-Down Converter Evaluation Board
MPQ4470GL-AEC1 MPS-MPQ4470GL-AEC1 Datasheet
805Kb / 20P
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter AEC-Q100 Qualified
More results

Similar Description - MPQ4470GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4470 MPS-MP4470 Datasheet
930Kb / 18P
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
MPQ4470 MPS-MPQ4470 Datasheet
805Kb / 20P
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter AEC-Q100 Qualified
MP4473 MPS-MP4473 Datasheet
752Kb / 21P
High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
MP9447 MPS-MP9447 Datasheet
726Kb / 19P
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
MP9473 MPS-MP9473 Datasheet
2Mb / 21P
High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
EV4473-L-00A MPS-EV4473-L-00A Datasheet
450Kb / 7P
High-Efficiency, Fast-Transient, 3.5A, 36V Step-Down Converter Evaluation Board
EV2499M-QB-00A MPS-EV2499M-QB-00A Datasheet
949Kb / 7P
High Efficiency, 3A Max, 36V Synchronous, Step-Down Converter Evaluation Board
EV9447-L-00A MPS-EV9447-L-00A Datasheet
743Kb / 7P
High-Efficiency, Fast-Transient, 5A, 36V Step-Down Converter Evaluation Board
EV9473-L-00A MPS-EV9473-L-00A Datasheet
480Kb / 7P
High-Efficiency, Fast-Transient, 3.5A, 36V Step-Down Converter Evaluation Board
EVQ4470-L-00A MPS-EVQ4470-L-00A Datasheet
901Kb / 7P
High-Efficiency, Fast-Transient, 5A, 36V Step-Down Converter Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com