Electronic Components Datasheet Search
  English  ▼

X  

HCPL-665K Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCPL-665K
Description  Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-665K Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL-665K Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-665K Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-665K Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-665K Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-665K Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-665K Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-665K Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-665K Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-665K Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Input Current, Low Level, Each Channel
IFL
0
250
µA
Input Current, High Level, Each Channel*
IFH
10
20
mA
Supply Voltage, Output
VCC
4.5
5.5
V
Fan Out (TTL Load) Each Channel
N
6
*Meets or exceeds DSCC SMD and JEDEC requirements.
Absolute Maximum Ratings
(No derating required up to +125
°C)
Storage Temperature Range, TS ................................... -65°C to +150°C
Operating Temperature, TA .......................................... -55°C to +125°C
Case Temperature, TC ................................................................+170°C
Junction Temperature, TJ ........................................................... +175°C
Lead Solder Temperature ............................................... 260
°C for 10 s
Peak Forward Input Current, IFPK, (each channel,
≤ 1 ms duration) ...................................................................... 40 mA
Average Input Forward Current, IFAVG (each channel) ................ 20 mA
Input Power Dissipation (each channel) ..................................... 35 mW
Reverse Input Voltage, VR (each channel) ......................................... 5 V
Supply Voltage, VCC (1 minute maximum) ........................................ 7 V
Output Current, IO (each channel) ............................................... 25 mA
Output Power Dissipation (each channel) .................................. 40 mW
Output Voltage, VO (each channel) .................................................. 7 V*
Package Power Dissipation, PD (each channel) ........................ 200 mW
*Selection for higher output voltages up to 20 V is available.
Single Channel Product Only
Emitter Input Voltage, VE ............................................................... 5.5 V
Note enable pin 7. An external
0.01
µF to 0.1 µF bypass
capacitor must be connected
between VCC and ground for each
package type.
8 Pin Ceramic DIP Single Channel Schematic
ESD Classification
(MIL-STD-883, Method 3015)
HCPL-5600/01/0K ............................................................... (
∆), Class 1
6N134, 6N134/883B, HCPL-5630/31/3K, HCPL-5650/51,
HCPL-6630/31/3K and HCPL-6650/51/5K ....................... (Dot), Class 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com