Electronic Components Datasheet Search
  English  ▼

X  

HCPL-665K Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HCPL-665K
Description  Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-665K Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL-665K Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-665K Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-665K Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-665K Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-665K Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-665K Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-665K Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-665K Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-665K Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
GND
VCC
IF
5 V
VO
D.U.T.
Rm
INPUT
MONITORING
NODE
PULSE
GENERATOR
ZO = 50 Ω
tH = 5 ns
CL*
RL
* CLINCLUDES PROBE AND STRAY WIRING CAPACITANCE.
VO
0.01 µF
BYPASS
Figure 4. Test Circuit for tPHL and tPLH.*
VFF
GND
VCC
II
VCM
510
Ω
+5 V
OUTPUT VO
MONITORING
NODE
+–
PULSE GEN.
A
B
D.U.T.
0.01 µF
BYPASS
Figure 7. Test Circuit for Common Mode Transient Immunity
and Typical Waveforms.
Figure 6. Propagation Delay vs.
Temperature.
Figure 5. Propagation Delay, tPHL and
tPLH vs. Pulse Input Current, IFH
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com