Electronic Components Datasheet Search
  English  ▼

X  

MP4688 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP4688
Description  80V Input 1A High Power LED Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4688 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP4688 Datasheet HTML 1Page - Monolithic Power Systems MP4688 Datasheet HTML 2Page - Monolithic Power Systems MP4688 Datasheet HTML 3Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
EV4688DN-00A – 80V INPUT 1A HIGH POWER LED DRIVER
NOTICE:
The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
EV4688DN-00A Rev. 1.0
www.MonolithicPower.com
3
11/28/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PRINTED CIRCUIT BOARD LAYOUT
Figure 1—Top Layer
Figure 2—Bottom Layer
QUICK START GUIDE
1. Check the LED string voltage and preset the power supplies’ Voltage for input. For example, 10
LEDs have about 32V forward voltage drop. So the power supply should be set higher than 32V,
say set it to 60V. Set a second power supply to 5V for enable signal. Setup a signal generator to
generate PWM signal with 5V amplitude, 20kHz frequency and 50% duty cycle.
2. Turn-off all power supplies.
3. Connect the LED+ to the anode of the string and LED- to the cathode of the string. Connect the
VIN to the first power supply (60V). Connect the EN to the 5V power supply. Connect the DIM to
signal generator.
4. Turn on the high voltage power supply (60V).
5. Turn on the signal generator.
6. Turn on the 5V power supply.
Note: If do not need dimming function, place a 0Ω resistor at R3, which will connect DIM to EN.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com