Electronic Components Datasheet Search
  English  ▼

X  

MP4688 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4688
Description  80V Input 1A High Power LED Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4688 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4688 Datasheet HTML 1Page - Monolithic Power Systems MP4688 Datasheet HTML 2Page - Monolithic Power Systems MP4688 Datasheet HTML 3Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EV4688DN-00A
80V Input
1A High Power LED Driver
EV4688DN-00A Rev. 1.0
www.MonolithicPower.com
1
11/28/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV4688DN-00A is an evaluation board for
high power LED driver. It is implemented by
MP4688DN, an integrated Buck white LED
driver which is suitable for automotive, industry
and general lighting applications with MPS
patented pending technology.
The EV4688DN-00A is recommended to drive a
single-string LEDs. It can drive up to 19 LEDs in
one string. It regulates the LED current at about
730mA.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
4.5 to 80
V
Enable/Dimming
EN/DIM
5
V
LED Current
ILED
730
mA
Over Current
Protection
OCP
3.2
A
FEATURES
 Wide 4.5V to 80V Operating Input Range
 No Output Capacitor Required
 ±5% LED Current Accuracy
 Hysteretic Control: No Compensation
 Up to 2MHz Switching Frequency
 Up to 20kHz Dimming Frequency
 Dedicated PWM Dimming Control Input
 Short circuit protection with integrated high
side MOSFET
 Optional Output Voltage Limitation
 Thermal shut down
 200mV reference voltage for high efficiency
 Up to 95% Efficiency
 120μA Quiescent Current
 Available in SOIC8 with Exposed Pad
Packages
APPLICATIONS
 High Power LED Driver
 Automotive, Industry and General Lighting
 Constant Current Source
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV4688DN-00A EVALUATION BOARD
Components Area: 0.66” x 1.17” (1.7cm x 3cm)
Board Number
MPS IC Number
EV4688DN-00A
MP4688


Similar Part No. - MP4688

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4688 MPS-MP4688 Datasheet
477Kb / 11P
80V Input, 1A High Power LED Driver
MP46885 MPS-MP46885 Datasheet
233Kb / 10P
80V Input, 500mA High Power LED Driver
MP46885 MPS-MP46885 Datasheet
147Kb / 3P
80V INPUT 0.5A HIGH POWER LED DRIVER
MP46885DN MPS-MP46885DN Datasheet
233Kb / 10P
80V Input, 500mA High Power LED Driver
MP4688DN MPS-MP4688DN Datasheet
477Kb / 11P
80V Input, 1A High Power LED Driver
More results

Similar Description - MP4688

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SD42524 SILAN-SD42524 Datasheet
693Kb / 11P
1A High Power LED Driver with 6~36V Input
logo
Unisonic Technologies
L3010 UTC-L3010 Datasheet
154Kb / 5P
1A HIGH POWER LED DRIVER WITH 4.5~40V INPUT
logo
Monolithic Power System...
MP4688 MPS-MP4688 Datasheet
477Kb / 11P
80V Input, 1A High Power LED Driver
MP4689 MPS-MP4689 Datasheet
422Kb / 10P
100V Input, 1A High Power LED Driver
logo
Unisonic Technologies
L3012 UTC-L3012 Datasheet
173Kb / 5P
1A HIGH POWER LED DRIVER WITH 4.5~40V INPUT
logo
List of Unclassifed Man...
XL8002 ETC2-XL8002 Datasheet
214Kb / 13P
80V 1A High Efficiency Buck PFM LED Constant Current Driver
logo
Monolithic Power System...
MP4689A MPS-MP4689A Datasheet
697Kb / 10P
100V Input, 1A, High-Power LED Driver
MP46885 MPS-MP46885 Datasheet
233Kb / 10P
80V Input, 500mA High Power LED Driver
EV4689DN-00A MPS-EV4689DN-00A Datasheet
238Kb / 5P
100V Input 1A High Power LED Driver
EV46885DN-00A MPS-EV46885DN-00A Datasheet
147Kb / 3P
80V INPUT 0.5A HIGH POWER LED DRIVER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com