Electronic Components Datasheet Search
  English  ▼

X  

MP4689 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP4689
Description  100V Input 1A High Power LED Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4689 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP4689 Datasheet HTML 1Page - Monolithic Power Systems MP4689 Datasheet HTML 2Page - Monolithic Power Systems MP4689 Datasheet HTML 3Page - Monolithic Power Systems MP4689 Datasheet HTML 4Page - Monolithic Power Systems MP4689 Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EV4689DN-00A – 100V INPUT 1A HIGH POWER LED DRIVER
EV4689DN-00A Rev. 1.0
www.MonolithicPower.com
2
12/18/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
MP4689
1 FB
VIN
N/C
VIN
BST
SW
DIM
DIM
LED+
LED_
EN
EN
R1
D1
C1
C2
C3
R2
R3
NS
R4
0
C7
NC
C5
NC
GND
GND
2
3
45
6
7
8
EV4689DN-00A BILL OF MATERIALS
Qty
RefDes
Value
Description
Package
Manufacturer Manufacturer P/N
2
C1,C2
2.2μF
Ceramic Cap., 100V,
10%, X7R
1210
muRata
GRM32ER72A225K
1
C3
0.1μF
Ceramic Cap., 100V,
10%, X7R
0805
muRata
GCM21BR72A104K
2
C4
0.1μF
Ceramic Cap., 50V, 10%,
X7R
0603
muRata
GRM188R71H104K
0
C5,C7
NS
0603
1
D1
1A
Schottky Rect., 150V, 1A
SMA
Diodes
STPS1150A
1
L1
47μH
Inductor, Rdc 100mΩ, Isat
2.7A
SMD
Wurth
Elektronik
744770147
2
R1,R2
560mΩ Film Res., 1/8W, 1%
0805
Panasonic
ERJ-6RQFR56V
0
R3
NS
0603
1
R4
0Ω
Film Res., 5%
0603
Yageo
RC0603JR-070RL
1
U1
Power Led Driver
SO8E
MPS
MP4689DN(R0)
1
EN,DIM,GND
4 Pin Header, 2.54mm
2.54mm
Sullins
PCC04SAAN
4
LED+,LED-
,VIN,GND
2.3 pillar
W200D100
HZ
China



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com