Electronic Components Datasheet Search
  English  ▼

X  

MP4689 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP4689
Description  100V Input 1A High Power LED Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4689 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP4689 Datasheet HTML 1Page - Monolithic Power Systems MP4689 Datasheet HTML 2Page - Monolithic Power Systems MP4689 Datasheet HTML 3Page - Monolithic Power Systems MP4689 Datasheet HTML 4Page - Monolithic Power Systems MP4689 Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EV4689DN-00A – 100V INPUT 1A HIGH POWER LED DRIVER
EV4689DN-00A Rev. 1.0
www.MonolithicPower.com
3
12/18/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=20V to 90V, VOUT=3.5V to 70V, L=33μH, TA=25ºC, Unless otherwise noted.
FREQUENCY IN HZ
Efficiency vs.
String LED
ILED Regulation vs.
Input Voltage
Radiation EMI
Steady State Waveform
VIN=50V, IOUT=0.7A
ILED Current vs.
PWM Dimming Duty
Power Ramp Down
VIN=100V, IOUT=0.7A
PWM Dimming
VIN=60V, IOUT=0.7A
Power Ramp Up
VIN=100V, IOUT=0.7A
VIN VOLTAGE (V)
VIN VOLTAGE (V)
Efficiency vs.
Input Voltage
70
75
80
85
90
95
100
0
20
40
60
80
100
20LED
10LED
3LED
70
75
80
85
90
95
100
3
6
9
12
15
18
21
NUMBER OF LED
VIN=50V
VIN=80V
-0.9
-0.6
-0.3
0.0
0.3
0.6
0.9
30
40
50
60
70
80
90 100
10LED
3LED
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
20
30M
100M 200M
1G
40
60
80
100
10LED
VIN
100V/div.
VBST
2.5V/div.
VSW
50V/div.
IL
1A/div.
VIN
100V/div.
VOUT
50V/div.
VSW
100V/div.
IL
1A/div.
VIN
100V/div.
VOUT
50V/div.
VSW
100V/div.
IL
1A/div.
VIN
5V/div.
VFB
200mV/div.
VSW
50V/div.
IL
1A/div.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com