Electronic Components Datasheet Search
  English  ▼

X  

74HC154 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74HC154
Description  4-to-16 line decoder/demultiplexer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC154 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74HC154 Datasheet HTML 7Page - NXP Semiconductors 74HC154 Datasheet HTML 8Page - NXP Semiconductors 74HC154 Datasheet HTML 9Page - NXP Semiconductors 74HC154 Datasheet HTML 10Page - NXP Semiconductors 74HC154 Datasheet HTML 11Page - NXP Semiconductors 74HC154 Datasheet HTML 12Page - NXP Semiconductors 74HC154 Datasheet HTML 13Page - NXP Semiconductors 74HC154 Datasheet HTML 14Page - NXP Semiconductors 74HC154 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
2004 Oct 12
11
Philips Semiconductors
Product specification
4-to-16 line decoder/demultiplexer
74HC154; 74HCT154
Type 74HCT154
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
OTHER
VCC (V)
Tamb =25 °C
VIH
HIGH-level input voltage
4.5 to 5.5
2.0
1.6
−
V
VIL
LOW-level input voltage
4.5 to 5.5
−
1.2
0.8
V
VOH
HIGH-level output
voltage
VI =VIH or VIL
IO = −20 µA
4.5
4.4
4.5
−
V
IO = −4 mA
4.5
3.98
4.32
−
V
VOL
LOW-level output voltage VI =VIH or VIL
IO =20 µA
4.5
−
0
0.1
V
IO =4mA
4.5
−
0.15
0.25
V
ILI
input leakage current
VI =VCC or GND
5.5
−−±0.1
µA
ICC
quiescent supply current
VI =VCC or GND;
IO =0A
5.5
−−
8.0
µA
∆ICC
additional quiescent
supply current per input
VI =VCC − 2.1 V;
IO =0A
4.5 to 5.5
−−
360
µA
Tamb = −40 °C to +85 °C
VIH
HIGH-level input voltage
4.5 to 5.5
2.0
−−
V
VIL
LOW-level input voltage
4.5 to 5.5
−−
0.8
V
VOH
HIGH-level output
voltage
VI =VIH or VIL
IO = −20 µA
4.5
4.4
−−
V
IO = −4 mA
4.5
3.84
−−
V
VOL
LOW-level output voltage VI =VIH or VIL
IO =20 µA
4.5
−−
0.1
V
IO =4mA
4.5
−−
0.33
V
ILI
input leakage current
VI =VCC or GND
5.5
−−±1.0
µA
ICC
quiescent supply current
VI =VCC or GND;
IO =0A
5.5
−−
80
µA
∆ICC
additional quiescent
supply current per input
VI =VCC − 2.1 V;
IO =0A
4.5 to 5.5
−−
450
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com