Electronic Components Datasheet Search
  English  ▼

X  

74HC154 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # 74HC154
Description  4-to-16 line decoder/demultiplexer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC154 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button 74HC154 Datasheet HTML 14Page - NXP Semiconductors 74HC154 Datasheet HTML 15Page - NXP Semiconductors 74HC154 Datasheet HTML 16Page - NXP Semiconductors 74HC154 Datasheet HTML 17Page - NXP Semiconductors 74HC154 Datasheet HTML 18Page - NXP Semiconductors 74HC154 Datasheet HTML 19Page - NXP Semiconductors 74HC154 Datasheet HTML 20Page - NXP Semiconductors 74HC154 Datasheet HTML 21Page - NXP Semiconductors 74HC154 Datasheet HTML 22Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
2004 Oct 12
20
Philips Semiconductors
Product specification
4-to-16 line decoder/demultiplexer
74HC154; 74HCT154
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
SOT815-1
- - -
- - -
- - -
03-04-29
SOT815-1
0
2.5
5 mm
scale
b
y
y1 C
C
A
C
C
B
v M
w M
e1
e2
terminal 1
index area
terminal 1
index area
X
UNIT
A(1)
max.
A1
bc
e
Eh
L
e1
y
w
v
mm
1
0.05
0.00
0.30
0.18
0.5
4.5
e2
1.5
0.2
2.25
1.95
Dh
4.25
3.95
0.05
0.05
y1
0.1
0.1
DIMENSIONS (mm are the original dimensions)
0.5
0.3
D (1)
5.6
5.4
E (1)
3.6
3.4
D
E
B
A
e
DHVQFN24: plastic dual in-line compatible thermal enhanced very thin quad flat package;
no leads; 24 terminals; body 3.5 x 5.5 x 0.85 mm
A
A1
c
detail X
Eh
L
Dh
2
23
11
14
13
12
1
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com