Electronic Components Datasheet Search
  English  ▼

X  

MP6507GF Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP6507GF
Description  500mA,15V, Bipolar Stepper Motor Driver Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6507GF Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP6507GF Datasheet HTML 1Page - Monolithic Power Systems MP6507GF Datasheet HTML 2Page - Monolithic Power Systems MP6507GF Datasheet HTML 3Page - Monolithic Power Systems MP6507GF Datasheet HTML 4Page - Monolithic Power Systems MP6507GF Datasheet HTML 5Page - Monolithic Power Systems MP6507GF Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EV6507GF-00A – EVB DESCRIPTION
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV6507GF-00A Rev.1.0
www.MonolithicPower.com
6
9/13/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
QUICK START GUIDE
1. The power and control signals for the MP6507GF are applied through the connector CN1. Each
pin in the connector is labeled on the EVB. The control signals of AIN1, AIN2, BIN1 and BIN2
can be generated on board too. Refer the jumpers section (item5) for detailed information. The
connector CN1 also outputs the FAULT signal and VDD (5V) from the IC.
2. Preset power supply of 2.7V to 15V between VIN and GND pins on CN1 or external VIN and
GND terminals.
3. The connector CN6 should be connected to the motor winding terminals. Each pin in the
connector is labeled on the EVB as AOUT1, AOUT2, BOUT1 and BOUT2. The polarity of these
connections will affect the direction of the motor in the case of a DC motor. As for a stepper
motor, one winding should be connected to AOUT1 and AOUT2, while the other should be
connected to BOUT1 and BOUT2.
4. If the SW5 is switched to the VIN position, SLEEP pin will be pulled up to the VIN by a voltage
divider resistor. This ensures the part doesn’t enter the SLEEP mode. If the SLEEP mode is
controlled externally through any controller, then switches the SW5 to VSLP position and
connects the SLEEP control signal from the external controller directly to the VSLP terminal.
5. Jumpers CN2, CN3, CN4 and CN5 are used to select the source of the control signals AIN1,
AIN2, BIN2 and BIN1 respectively.
By placing a shunt between positions 1-2, the source of the control signals are routed to the
connector CN1. This connection allows the user to control these signals through an external
controller.
If the shunt is placed between position 2-3, then the source of the control signals are routed to
the switches SW1, SW2, SW3 and SW4. These switches can be used to control the state of
these input control signals. The state of the motor outputs for various input combinations can be
inferred from the MP6507 datasheet.
6. The diode LED1 indicates the status of the FAULT pin. When over-temperature protection
happens, FAULT pin is pulled down to a low level and this LED lights up.
7. R6, R7, and R8, R9 are the current sense resistors directly connected to SENA and SENB
respectively. The other sides of these resistors are connected to GND. These resistors control
the current through the MP6507 to be 500mA per channel. To change this value of output
current, the resistor value must be changed according to the following formula:
LIMIT A
LIMIT B
185mV
185mV
II
R6 // R7
R8 // R9





Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com