Electronic Components Datasheet Search
  English  ▼

X  

MP6507GF Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6507GF
Description  500mA,15V, Bipolar Stepper Motor Driver Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6507GF Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6507GF Datasheet HTML 1Page - Monolithic Power Systems MP6507GF Datasheet HTML 2Page - Monolithic Power Systems MP6507GF Datasheet HTML 3Page - Monolithic Power Systems MP6507GF Datasheet HTML 4Page - Monolithic Power Systems MP6507GF Datasheet HTML 5Page - Monolithic Power Systems MP6507GF Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EV6507GF-00A
500mA,15V,
Bipolar Stepper Motor Driver
Evaluation Board
EV6507GF-00A Rev.1.01
www.MonolithicPower.com
1
9/13/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV6507GF-00A is an evaluation board for
the MP6507GF, a bipolar stepper motor driver
with dual, built-in full-bridges consisting of N-
channel power MOSFETs.
It operates from a supply voltage range of 2.7V
to 15V, and can deliver output current up to
700mA per channel. The safety features include
sinking and sourcing current limits implemented
with external sensors, under-voltage lockout
and thermal shutdown. An over-temperature
output flag is available to indicate thermal
shutdown.
The EV6507GF-00A is a fully assembled and
tested PCB. The input control signals for the
MP6507GF are applied through the connector
or generated on board. It can drive a bipolar
stepper motor with both full step and half step
mode. It also can drive two independent DC
motors.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
2.7 – 15
V
Output Current
IOUT
500
mA
FEATURES
 Wide 2.7V to 15V Input Voltage Range
 Over-Temperature Indication
 Alternative Input Control Singals (External
or Generated on Board)
APPLICATIONS
 POS Printers
 Video Security Camera
 Battery Powered Devices
 USB Powered Devices
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology”, are Registered Trademarks
of Monolithic Power Systems, Inc.
EV6507GF-00A EVALUATION BOARD
(L x W x H) 2’’ x 2’’ x 0.4’’ (5cm x 5cm x 1cm)
Board Number
MPS IC Number
EV6507GF-00A
MP6507GF


Similar Part No. - MP6507GF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6507GF MPS-MP6507GF Datasheet
551Kb / 18P
2.7V-to-15V, 700mA, Bipolar Stepper-Motor Driver with Integrated MOSFETs
More results

Similar Description - MP6507GF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6228 STMICROELECTRONICS-L6228 Datasheet
443Kb / 26P
DMOS DRIVER FOR BIPOLAR STEPPER MOTOR
Sep-2003
logo
List of Unclassifed Man...
MSE570 ETC2-MSE570_1 Datasheet
109Kb / 5P
Bipolar Stepper Motor Drive Board
logo
New Japan Radio
NJU7384 NJRC-NJU7384 Datasheet
192Kb / 10P
Pulse Input Bipolar Stepper Motor Driver
logo
STMicroelectronics
AN2650 STMICROELECTRONICS-AN2650 Datasheet
691Kb / 26P
L9942 stepper motor driver for bipolar stepper motors
05-Dec-2013
logo
Monolithic Power System...
EV6501AGF-00B MPS-EV6501AGF-00B Datasheet
504Kb / 10P
2.5A, 35V Bipolar Stepper Motor Driver Evaluation Kit
EV6507GQ-00A MPS-EV6507GQ-00A Datasheet
301Kb / 6P
500mA,15V, Bipolar Stepper Motor Driver Evaluation Board
EV6509GF-00A MPS-EV6509GF-00A Datasheet
351Kb / 7P
1.2A,18V, Bipolar Stepper Motor Driver Evaluation Board
MP6506 MPS-MP6506 Datasheet
432Kb / 13P
2.7V-to-15V, 500mA, Bipolar Stepper-Motor Driver with Integrated MOSFETs
MP6507 MPS-MP6507 Datasheet
551Kb / 18P
2.7V-to-15V, 700mA, Bipolar Stepper-Motor Driver with Integrated MOSFETs
logo
STMicroelectronics
EVALSP820-XS STMICROELECTRONICS-EVALSP820-XS Datasheet
200Kb / 4P
Compact evaluation board for STSPIN820 stepper motor driver
17-Jan-2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com