Electronic Components Datasheet Search
  English  ▼

X  

AD1838 Datasheet(PDF) 9 Page - Analog Devices

Part # AD1838
Description  2 ADC, 6 DAC,96 kHz, 24-Bit Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1838 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD1838 Datasheet HTML 5Page - Analog Devices AD1838 Datasheet HTML 6Page - Analog Devices AD1838 Datasheet HTML 7Page - Analog Devices AD1838 Datasheet HTML 8Page - Analog Devices AD1838 Datasheet HTML 9Page - Analog Devices AD1838 Datasheet HTML 10Page - Analog Devices AD1838 Datasheet HTML 11Page - Analog Devices AD1838 Datasheet HTML 12Page - Analog Devices AD1838 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
REV. 0
–9–
TypicalPerformanceCharacteristics–AD1838
kHz
0
–50
0
200
50
100
150
–100
–150
TPC 7. DAC Composite Filter Response, fS = 192 kHz
kHz
0.1
0.05
–0.1
020
5
10
15
0
–0.05
TPC 8. DAC Composite Filter Response, fS = 48 kHz
(Pass Band Section)
kHz
0.2
0.1
–0.2
050
10
20
30
40
0
–0.1
TPC 9. DAC Composite Filter Response, fS = 96 kHz
(Pass Band Section)
kHz
0.1
0.05
–0.1
0
100
20
40
60
80
0
–0.05
TPC 10. DAC Composite Filter Response, fS = 192 kHz
(Pass Band Section)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com