Electronic Components Datasheet Search
  English  ▼

X  

AD1838 Datasheet(PDF) 13 Page - Analog Devices

Part # AD1838
Description  2 ADC, 6 DAC,96 kHz, 24-Bit Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1838 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD1838 Datasheet HTML 9Page - Analog Devices AD1838 Datasheet HTML 10Page - Analog Devices AD1838 Datasheet HTML 11Page - Analog Devices AD1838 Datasheet HTML 12Page - Analog Devices AD1838 Datasheet HTML 13Page - Analog Devices AD1838 Datasheet HTML 14Page - Analog Devices AD1838 Datasheet HTML 15Page - Analog Devices AD1838 Datasheet HTML 16Page - Analog Devices AD1838 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
REV. 0
AD1838
–13–
The DAC serial data input mode defaults to I
2S. By changing
Bits 5, 6, and 7 in DAC Control Register 1, the mode can be
changed to RJ, DSP, LJ, or Packed Mode 256. The word width
defaults to 24 bits but can be changed by reprogramming
Bits 3 and 4 in DAC Control Register 1.
Packed Modes
The AD1838 has a packed mode that allows a DSP or other
controller to write to all DACs and read all ADCs using one
input data pin and one output data pin. Packed Mode 256
refers to the number of BCLKs in each frame. The LRCLK is
low while data from a left channel DAC or ADC is on the data
pin, and high while data from a right channel DAC or ADC
is on the data pin. DAC data is applied on the DSDATA1
pin, and ADC data is available on the ASDATA pin.
Figures 7–10 show the timing for the packed mode. Packed Mode
is only available for 48 kHz (based on MCLK = 12.288MHz) and
when the
M/S is low.
Auxiliary (TDM) Mode
A special auxiliary mode is provided to allow three external
stereo ADCs and one external stereo DAC to be interfaced to
the AD1838 to provide 8-in/8-out operation. In addition, this
mode supports glueless interface to a single SHARC DSP serial
port, allowing a SHARC DSP to access all eight channels of
analog I/O. In this special mode, many pins are redefined; see
Table II for a list of redefined pins. The auxiliary and the TDM
interfaces are independently configurable to operate as masters
or slaves. When the auxiliary interface is set as a master, by
programming the aux mode bit in ADC Control Register II, the
AUXLRCLK and AUXBCLK are generated by the AD1838.
When the auxiliary interface is set as a slave, the AUXLRCLK and
AUXBCLK need to be generated by an external ADC as shown in
Figure 13. The TDM interface can be set to operate as a master or
slave by connecting the
M/S pin to DGND or ODVDD, respec-
tively. In master mode, the FSTDM and BCLK signals are outputs
and generated by the AD1838. In slave mode, the FSTDM and
BCLK are inputs and should be generated by the SHARC. Slave
mode operation is available for 48 kHz and 96 kHz operation
(based on a 12.288 MHz or 24.576 MHz MCLK), and master
mode operation is available for 48 kHz only.
LRCLK
BCLK
SDATA
LRCLK
BCLK
SDATA
LRCLK
BCLK
SDATA
LRCLK
BCLK
SDATA
LEFT CHANNEL
RIGHT CHANNEL
LEFT CHANNEL
RIGHT CHANNEL
LEFT CHANNEL
RIGHT CHANNEL
MSB
MSB
MSB
MSB
MSB
MSB
MSB
MSB
LSB
LSB
LSB
LSB
LSB
LSB
LSB
LSB
LEFT-JUSTIFIED MODE – 16 BITS TO 24 BITS PER CHANNEL
12S MODE – 16 BITS TO 24 BITS PER CHANNEL
RIGHT-JUSTIFIED MODE – SELECT NUMBER OF BITS PER CHANNEL
DSP MODE – 16 BITS TO 24 BITS PER CHANNEL
1/fS
NOTES
1. DSP MODE DOES NOT IDENTIFY CHANNEL.
2. LRCLK NORMALLY OPERATES AT
fS EXCEPT FOR DSP MODE WHICH IS 2
fS.
3. BCLK FREQUENCY IS NORMALLY 64
LRCLK BUT MAY BE OPERATED IN BURST MODE.
Figure 4. Stereo Serial Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com