Electronic Components Datasheet Search
  English  ▼

X  

LTC3126 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3126
Description  42V, 2.5A Synchronous Step-Down Regulator with No-Loss Input PowerPath
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3126 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3126 Datasheet HTML 9Page - Linear Technology LTC3126 Datasheet HTML 10Page - Linear Technology LTC3126 Datasheet HTML 11Page - Linear Technology LTC3126 Datasheet HTML 12Page - Linear Technology LTC3126 Datasheet HTML 13Page - Linear Technology LTC3126 Datasheet HTML 14Page - Linear Technology LTC3126 Datasheet HTML 15Page - Linear Technology LTC3126 Datasheet HTML 16Page - Linear Technology LTC3126 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LTC3126
13
3126f
For more information www.linear.com/LTC3126
Quick reFerence
LTC3126
FB
RBOT
3126 F01
RTOP
RFF
CFF
VOUT
GND
Figure 1. FB Resistor Divider
Table 2. Recommended Minimum Inductor Values
fSW = 750kHz
VOUT
MINIMUM INDUCTOR VALUE
12V
8.0µH
5V
3.3µH
3.3V
2.2µH
1.8V
1.2µH
fSW = 1MHz
VOUT
MINIMUM INDUCTOR VALUE
12V
6.0µH
5V
2.5µH
3.3V
1.8µH
1.8V
1.0µH
fSW = 2MHz
VOUT
MINIMUM INDUCTOR VALUE
12V
3.3µH
5V
1.5µH
3.3V
1.0µH
1.8V
1.0µH
The peak-to-peak inductor ripple, ΔIL, is given by the fol-
lowing equation.
∆IL =
VOUT
fSW •L
1–
VOUT
VIN


Output Capacitor
The recommended minimum output capacitor, CMIN, is
given below as a function of output voltage:
CMIN =
1V
VOUT
150µF
Table 3. Minimum Output Capacitor vs VOUT
VOUT
MINIMUM COUT
24V
10µF
12V
22µF
5V
33µF
3.3V
47µF
1.8V
100µF
1.2V
150µF
Output Voltage
The buck converter output voltage is set via a resistor
divider connected to the FB pin as shown in Figure 1.
In most applications, choosing RTOP equal to 1MΩ rep-
resents a good trade-off between quiescent current and
robustness against PCB leakage. RBOT can be determined
by the following equation where VOUTisthedesiredoutput
voltage:
RBOT =
RTOP
VOUT
0.818V
–1


Inductor Value
If the buck converter will be operated at duty cycles greater
than 50% (i.e., VIN < 2VOUT) then the inductor value must
be equal or greater than LMIN as defined by the following
equation:
LMIN =
MHz
fSW
•
VOUT
2V
µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com