Electronic Components Datasheet Search
  English  ▼

X  

LTC3126 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3126
Description  42V, 2.5A Synchronous Step-Down Regulator with No-Loss Input PowerPath
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3126 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3126 Datasheet HTML 16Page - Linear Technology LTC3126 Datasheet HTML 17Page - Linear Technology LTC3126 Datasheet HTML 18Page - Linear Technology LTC3126 Datasheet HTML 19Page - Linear Technology LTC3126 Datasheet HTML 20Page - Linear Technology LTC3126 Datasheet HTML 21Page - Linear Technology LTC3126 Datasheet HTML 22Page - Linear Technology LTC3126 Datasheet HTML 23Page - Linear Technology LTC3126 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
LTC3126
20
3126f
For more information www.linear.com/LTC3126
of the feedforward capacitor in parallel with the upper
resistor divider resistor to restore the full bandwidth of
the feedback loop.
Feedforward Resistor
In applications where there is a long connection between
the feedback resistor divider and the point at which the
output voltage is sensed, it is recommended that a 10k
feedforward resistor (RFF) be added in series with the
feedforward capacitor as shown in Figure 7 below. The
feedforward resistor prevents high frequency noise on
the VOUT trace from coupling into the sensitive FB node.
The addition of a 10k feedforward resistor will have little
impact on the frequency response of the control loop
since the divider pole location is dominated by the values
of resistors RTOP and RBOT.
applicaTions inForMaTion
A reasonable choice for ripple current is ∆IL = 1A which
represents 33% of the minimum current limit. The DC cur-
rent rating of the inductor should be at least equal to the
maximum load current plus half the ripple current in order
to prevent core saturation and loss of efficiency during
operation. To optimize efficiency the inductor should have
a low DC resistance. As a general guideline, the inductor
resistance (ESR) should be approximately equal to the
low side switch resistance (70mΩ) or less.
High values of inductor ripple current will reduce the out-
put current capability of the converter since higher ripple
increases the peak switch current and will therefore trip
the current limit at a lighter load current. The maximum
output current is equal to the current limit minus half the
peak-to-peak ripple current as shown in the following
equation where ILIMIT is the threshold of the high side
switch current limit:
IOUT(MAX) =ILIMIT –
∆IL
2
In addition, there is a minimum inductor value required
to maintain stability of the current loop as determined by
the fixed internal slope compensation. Specifically, if the
buck converter is going to be utilized at duty cycles over
50%, the inductance value must be at least equal to LMIN
as given by the following equation:
LMIN =
MHz
fSW
•
VOUT
2V
µH
To ensure sufficient slope compensation if the external
synchronization feature is being used, the inductor must
be sized for the lowest possible switching frequency the
part will experience which is determined by the internal
oscillator frequency.
PGOOD Output
The open-drain PGOOD output is driven low whenever FB
is more than +9.8%/–8.7% (typical) from the FB reference
voltage. The PGOOD output is also driven low whenever
the buck converter is disabled. The maximum voltage that
can be applied to the PGOOD output is 5.5V. The PGOOD
comparatorhasadeglitchingdelayofapproximately200µs.
Figure 7. Feedforward Resistor (RFF) for Improved
Noise Robustness
LTC3126
FB
RBOT
3126 F07
RTOP
RFF
10k
CFF
VOUT
GND
Inductor Selection
The choice of inductor value influences both the efficiency
and the magnitude of the output voltage ripple. Larger
inductance values will reduce inductor current ripple and
will therefore lead to lower output voltage ripple. For a
fixedDCresistance,alargervalueinductorwillyieldhigher
efficiency via reduced RMS and core losses. However, a
larger inductor within a given inductor family will generally
have a greater series resistance, thereby counteracting
this efficiency advantage. The peak-to-peak current ripple,
∆IL, given by the following equation will be largest at the
highest input voltage experienced in the application.
∆IL =
VOUT
fSW •L
1–
VOUT
VIN





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com