Electronic Components Datasheet Search
  English  ▼

X  

LTC3246 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3246
Description  Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3246 Datasheet(HTML) 1 Page - Linear Technology

  LTC3246 Datasheet HTML 1Page - Linear Technology LTC3246 Datasheet HTML 2Page - Linear Technology LTC3246 Datasheet HTML 3Page - Linear Technology LTC3246 Datasheet HTML 4Page - Linear Technology LTC3246 Datasheet HTML 5Page - Linear Technology LTC3246 Datasheet HTML 6Page - Linear Technology LTC3246 Datasheet HTML 7Page - Linear Technology LTC3246 Datasheet HTML 8Page - Linear Technology LTC3246 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC3246
1
3246fa
For more information www.linear.com/LTC3246
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Wide VIN Range
Buck-Boost Charge Pump
with Watchdog Timer
The LTC®3246 is a switched capacitor buck-boost DC/DC
converter with integrated watchdog timer. The device
produces a regulated output (3.3V, 5V or adjustable) from
a 2.7V to 38V input. Switched capacitor fractional conver-
sion is used to maintain regulation over a wide range of
input voltage. Internal circuitry automatically selects the
conversionratiotooptimizeefficiencyasinputvoltageand
load conditions vary. No inductors are required.
The LTC3246’s reset time and watchdog timeout may
be set without external components, or adjusted using
external capacitors. A windowed watchdog function is
used for high reliability applications. The reset input can
be used for additional supply monitoring or be configured
as a pushbutton reset.
Low operating current (20µA without load, 1.5µA in shut-
down) and low external parts count make the LTC3246
ideally suited for low power, space constrained automo-
tive/industrial applications. The device is short-circuit and
overtemperature protected and is available in a thermally
enhanced 16-lead MSOP package.
Regulated 5V Output with Pushbutton Reset
Output Voltage vs Input Voltage
n
2.7V – 38V Operating Range (42V Abs Max)
n
IQ = 20µA Operating, 1.5µA in Shutdown
n
Multimode Buck-Boost Charge Pump (2:1, 1:1, 1:2)
with Automatic Mode Switching
n
12V to 5V Efficiency = 81%
n
IOUT Up to 500mA
n
VOUT: Fixed 3.3V, 5V or Adjustable (2.5V to 5V)
n
Ultralow EMI Emissions
n
Engineered for Diagnostic Coverage in ISO 26262
Systems
n
Overtemperature, Overvoltage and Short-Circuit
Protection
n
Operating Junction Temperature: 150°C Max
n
POR/Watchdog Controller w/External Timing Control
n
Thermally Enhanced 16-Lead MSOP Package
APPLICATIONS
n
Automotive ECU/CAN Transceiver Supplies
n
Industrial/Telecom Housekeeping Supplies
n
Low Power 12V to 5V Conversion
All registered trademarks and trademarks are the property of their respective owners.
LTC3246
3246 TA01a
VIN
SEL2
SEL1
BIAS
RT
WT
C+
C–
GND
VOUT
OUTS/ADJ
RST
WDI
RSTI
1µF
10µF
10µF
500k
500k
µC
RESET
2.2µF
VIN = 2.7V TO 38V
VOUT = 5V
IOUT UP TO 500mA
0
2
4
6
8
10
12
14
16
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
3246 TA01b
VIN (V)
IOUT = 50mA
IOUT = 500mA


Similar Part No. - LTC3246

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC3246 AD-LTC3246 Datasheet
242Kb / 20P
Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
12/17-REV.A
LTC3246EMSE#PBF AD-LTC3246EMSE#PBF Datasheet
242Kb / 20P
Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
12/17-REV.A
LTC3246HMSE#PBF AD-LTC3246HMSE#PBF Datasheet
242Kb / 20P
Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
12/17-REV.A
LTC3246IMSE#PBF AD-LTC3246IMSE#PBF Datasheet
242Kb / 20P
Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
12/17-REV.A
LTC3246MPMSE#PBF AD-LTC3246MPMSE#PBF Datasheet
242Kb / 20P
Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
12/17-REV.A
More results

Similar Description - LTC3246

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6686 SIPEX-SP6686 Datasheet
261Kb / 13P
400mA Buck/Boost Charge Pump LED Driver
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
logo
Linear Technology
LTC3245 LINER-LTC3245 Datasheet
1Mb / 16P
Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
LTC3255 LINER-LTC3255_15 Datasheet
258Kb / 16P
Wide VIN Range Fault Protected 50mA Step-Down Charge Pump
LTC3245 LINER-LTC3245_15 Datasheet
542Kb / 18P
Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
logo
Texas Instruments
REG71050 TI1-REG71050 Datasheet
1Mb / 32P
Buck-Boost Charge Pump
logo
Linear Technology
LTC3245EMSE LINER-LTC3245EMSE Datasheet
1Mb / 6P
Wide VIN Range, Low Noise 250mA Buck-Boost Charge Pump
LTC3255EMSE LINER-LTC3255EMSE Datasheet
393Kb / 8P
Wide VIN Range Fault Protected 50mA Step-Down Charge Pump
LTC3255 LINER-LTC3255 Datasheet
258Kb / 16P
Wide VIN Range Fault Protected 50mA Step-Down Charge Pump
logo
Analog Devices
LTC3246 AD-LTC3246 Datasheet
242Kb / 20P
Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
12/17-REV.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com