Electronic Components Datasheet Search
  English  ▼

X  

LTC3246 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3246
Description  Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3246 Datasheet(HTML) 5 Page - Linear Technology

  LTC3246 Datasheet HTML 1Page - Linear Technology LTC3246 Datasheet HTML 2Page - Linear Technology LTC3246 Datasheet HTML 3Page - Linear Technology LTC3246 Datasheet HTML 4Page - Linear Technology LTC3246 Datasheet HTML 5Page - Linear Technology LTC3246 Datasheet HTML 6Page - Linear Technology LTC3246 Datasheet HTML 7Page - Linear Technology LTC3246 Datasheet HTML 8Page - Linear Technology LTC3246 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC3246
5
3246fa
For more information www.linear.com/LTC3246
3.3V Fixed Output Voltage
vs Input Voltage
3.3V Fixed Output Voltage vs
Input Voltage
3.3V Efficiency and Power Loss
vs Input Voltage
5V Fixed Output Voltage
vs Input Voltage
5V Fixed Output Voltage vs
Input Voltage
5V Efficiency and Power Loss
vs Input Voltage
0
2
4
6
8
10
12
14
16
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3246 G04
IOUT = 0mA
IOUT = 50mA
IOUT = 500mA
VIN (V)
0
4
8 12 16 20 24 28 32 36 40
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3246 G05
IOUT = 0mA
IOUT = 50mA
IOUT = 500mA
VIN (V)
0
2
4
6
8
10
12
14
16
0
10
20
30
40
50
60
70
80
90
100
3246 G06
OUT
I
=50mA
EFFICIENCY
LOSS
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VIN (V)
0
2
4
6
8
10
12
14
16
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
3246 G07
IOUT = 0mA
IOUT = 50mA
IOUT = 500mA
VIN (V)
0
4
8 12 16 20 24 28 32 36 40
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
3246 G08
IOUT = 0mA
IOUT = 50mA
IOUT = 500mA
VIN (V)
0
2
4
6
8
10
12
14
16
0
10
20
30
40
50
60
70
80
90
100
3246 G09
OUT
I
=50mA
EFFICIENCY
LOSS
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VIN (V)
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
5V Efficiency and Power Loss
vs Input Voltage
3.3V Efficiency and Power Loss
vs Input Voltage
0
2
4
6
8
10
12
14
16
0
10
20
30
40
50
60
70
80
90
100
3246 G10
OUT
I
=500mA
EFFICIENCY
LOSS
0
1
2
3
4
5
6
7
8
9
10
VIN (V)
0
2
4
6
8
10
12
14
16
0
10
20
30
40
50
60
70
80
90
100
3246 G11
OUT
I
=500mA
EFFICIENCY
LOSS
0
1
2
3
4
5
6
7
8
9
10
VIN (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com