Electronic Components Datasheet Search
  English  ▼

X  

LTC3374A Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3374A
Description  High Accuracy 8-Channel Parallelable 1A Buck DC/DCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3374A Datasheet(HTML) 1 Page - Linear Technology

  LTC3374A Datasheet HTML 1Page - Linear Technology LTC3374A Datasheet HTML 2Page - Linear Technology LTC3374A Datasheet HTML 3Page - Linear Technology LTC3374A Datasheet HTML 4Page - Linear Technology LTC3374A Datasheet HTML 5Page - Linear Technology LTC3374A Datasheet HTML 6Page - Linear Technology LTC3374A Datasheet HTML 7Page - Linear Technology LTC3374A Datasheet HTML 8Page - Linear Technology LTC3374A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC3374A
1
3374af
For more information www.linear.com/LTC3374A
Typical applicaTion
FeaTures
DescripTion
High Accuracy 8-Channel
Parallelable 1A Buck DC/DCs
TheLTC®3374AisamultioutputpowersupplyICconsisting
ofeightsynchronous1Abuckconverters,allpoweredfrom
independent 2.25V to 5.5V input supplies. An upgraded
pin-compatible version of the LTC3374, the LTC3374A,
has higher efficiency, improved output voltage accuracy
and an added overvoltage (OV) indicator.
The DC/DCs may be used independently or in parallel to
achieve higher output currents of up to 4A with a shared
inductor. The common buck switching frequency may be
programmed with an external resistor, synchronized to an
external oscillator, or set to a default internal 2MHz clock.
The operating mode for all DC/DCs may be programmed
via the MODE pin.
To reduce input noise the buck converters are phased in
90° steps. Precision enable pin thresholds simplify power-
up sequencing. The LTC3374A is available in a 38-lead
5mm × 7mm QFN package as well as a 38-lead exposed
pad TSSOP package.
Eight Synchronous 1A Buck Regulators
Buck Efficiency vs ILOAD
applicaTions
n
8-Channel 1A Independent Step-Down DC/DCs
n
Master-Slave Configurable for Up to 4A of Output
Current with a Single Inductor
n
Independent VIN Supplies for Each DC/DC
(2.25V to 5.5V)
n
All DC/DCs Have 0.8V to VIN Output Range
n
±1% VFB Accuracy, for Buck 1 (1A to 4A)
n
±1% PGOOD Accuracy
n
Precision Enable Pin Thresholds for Autonomous
Sequencing
n
1MHz to 3MHz Programmable/Synchronizable
Oscillator Frequency (2MHz Default)
n
Die Temperature Monitor Output
n
Thermally Enhanced 38-Lead 5mm × 7mm QFN and
TSSOP Packages
n
Pin-Compatible with LTC3374
n
General Purpose Multichannel Power Supplies
n
Industrial/Automotive/Communications
L
, LT, LTC, LTM, Linear Technology, the Linear logo and Burst Mode are registered trademarks
of Linear Technology Corporation. All other trademarks are the property of their respective
owners.
BUCK 1
0.8V TO VIN1
UP TO 1A
SW1
2.7V TO 5.5V
2.25V TO 5.5V
2.25V TO 5.5V
SW2
VIN2
SW8
VIN8
FB1
FB2
FB8
VIN1
BUCK 2
0.8V TO VIN2
UP TO 1A
EN2
EN8
2.25V TO 5.5V
EN1
BUCK 8
0.8V TO VIN8
UP TO 1A
GND
LTC3374A
3374A TA01a
•
•
•
•
•
•
PGOOD_ALL
TEMP
VCC
MODE
SYNC
RT
THE EIGHT BUCKS CAN
BE CONFIGURED IN 15
DIFFERENT MASTER/SLAVE
COMBINATIONS
VOUT = 1.8V
1A BUCK, L = 4.7µH, L DCR = 40mΩ
2A BUCK, L = 2.2µH, L DCR = 13mΩ
3A BUCK, L = 1.8µH, L DCR = 10mΩ
4A BUCK, L = 1.0µH, L DCR = 8mΩ
LOAD CURRENT (A)
1m
10m
100m
1
4
0
10
20
30
40
50
60
70
80
90
100
3374A TA01b
fOSC = 1MHz
VIN = 3.3V
VOUT = 1.8V
Burst Mode OPERATION


Similar Part No. - LTC3374A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3374A LINER-LTC3374A Datasheet
5Mb / 44P
60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
logo
Analog Devices
LTC3374A AD-LTC3374A Datasheet
3Mb / 26P
5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
11/19-REV.A
LTC3374A AD-LTC3374A Datasheet
1Mb / 24P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
11/19-REV.A
LTC3374A AD-LTC3374A Datasheet
1Mb / 22P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
LTC3374A AD-LTC3374A Datasheet
1Mb / 28P
20V, 4-Channel Buck DC/DC with 8x Configurable 1.5A Power Stages
More results

Similar Description - LTC3374A

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1152 ANALOGICTECH-AAT1152_06 Datasheet
658Kb / 17P
850kHz 1A Buck DC/DC Converter
logo
Linear Technology
LTC3375 LINER-LTC3375 Datasheet
476Kb / 36P
8-Channel Programmable, Parallelable 1A Buck DC/DCs
LTC3374 LINER-LTC3374 Datasheet
345Kb / 24P
8-Channel Parallelable 1A Buck DC/DCs
LTC3374 LINER-LTC3374_15 Datasheet
379Kb / 26P
8-Channel Parallelable 1A Buck DC/DCs
LTC3370 LINER-LTC3370_15 Datasheet
974Kb / 24P
4-Channel 8A Configurable Buck DC/DCs
LTC3375 LINER-LTC3375_15 Datasheet
510Kb / 36P
8-Channel Programmable, Parallelable 1A Buck DC/DCs
LTC3370EUH LINER-LTC3370EUH Datasheet
933Kb / 10P
4-Channel 8A Configurable Buck DC/DCs
LTC3374EUHF LINER-LTC3374EUHF Datasheet
1Mb / 10P
8-Channel Parallelable 1A Buck DC/DC
LTC3375EUK LINER-LTC3375EUK Datasheet
748Kb / 14P
8-Channel Programmable, Parallelable, 1A Buck DC/DCs
LTC3370 LINER-LTC3370 Datasheet
796Kb / 24P
4-Channel 8A Configurable Buck DC/DCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com