Electronic Components Datasheet Search
  English  ▼

X  

LTC3374A Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3374A
Description  High Accuracy 8-Channel Parallelable 1A Buck DC/DCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3374A Datasheet(HTML) 3 Page - Linear Technology

  LTC3374A Datasheet HTML 1Page - Linear Technology LTC3374A Datasheet HTML 2Page - Linear Technology LTC3374A Datasheet HTML 3Page - Linear Technology LTC3374A Datasheet HTML 4Page - Linear Technology LTC3374A Datasheet HTML 5Page - Linear Technology LTC3374A Datasheet HTML 6Page - Linear Technology LTC3374A Datasheet HTML 7Page - Linear Technology LTC3374A Datasheet HTML 8Page - Linear Technology LTC3374A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC3374A
3
3374af
For more information www.linear.com/LTC3374A
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VCC = VIN1-8 = 3.3V, unless otherwise specified.
elecTrical characTerisTics
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
VCC Voltage Range
l
2.7
5.5
V
Undervoltage Lockout (UVLO)
Threshold on VCC
VCC Voltage Falling
VCC Voltage Rising
l
l
2.35
2.45
2.45
2.55
2.55
2.65
V
V
ICC
VCC Input Supply Current
All Switching Regulators in Shutdown
0
1
µA
One or More Bucks Active
SYNC = 0V, All Enabled Bucks Sleeping
One Buck Enabled, Not Sleeping, SYNC = 0V
All Bucks Enabled, Not Sleeping, SYNC = 2MHz
45
155
200
75
230
300
µA
µA
µA
fOSC
Internal Oscillator Frequency
VRT = VCC, SYNC = 0V
VRT = VCC, SYNC = 0V
RT = 400k, SYNC = 0V
l
l
1.9
1.75
1.85
2
2
2
2.1
2.25
2.15
MHz
MHz
MHz
Synchronization Frequency
tLOW, tHIGH > 40ns
l
1
3
MHz
VSYNC
SYNC Level High
SYNC Level Low
l
l
1.2
0.4
V
V
VRT
RT Servo Voltage
RT = 400k
l
780
800
820
mV
1A Buck Regulators
VIN
Buck Input Voltage Range
l
2.25
5.5
V
Undervoltage Lockout (UVLO)
Threshold on VIN
VIN Voltage Falling
VIN Voltage Rising
l
l
1.95
2.05
2.05
2.15
2.15
2.25
V
V
VOUT
Buck Output Voltage Range
l
VFB
VIN
V
IVIN
Shutdown Input Current
Burst Mode® Operation
Burst Mode Operation
Forced Continuous Mode Operation
Buck in Regulation, Sleeping
Buck in Regulation, Not Sleeping, ISW = 0µA (Note 4)
ISW = 0µA, VFB = 0V (Note 4)
0
20.5
400
400
2
35
550
550
µA
µA
µA
µA
ILIM
PMOS Current Limit
1 Buck Converter (Note 5)
2 Buck Converters Combined (Note 5)
3 Buck Converters Combined (Note 5)
4 Buck Converters Combined (Note 5)
1.4
1.8
3.6
5.4
7.2
2.2
A
A
A
A
VFB1
Feedback Regulation Voltage
Buck 1
Buck 1
l
796
792
800
800
804
808
mV
mV
VFB2-8
Feedback Regulation Voltage
Bucks 2 to 8
l
784
800
816
mV
Feedback Pin Leakage Current
–50
0
50
nA
Maximum Duty Cycle
VFB = 0V
l
100
%
RPMOS
PMOS On-Resistance
ISW = 100mA, VIN = 5.0V
ISW = 100mA, VIN = 3.3V
205
245
mΩ
mΩ
RNMOS
NMOS On-Resistance
ISW = 100mA, VIN = 5.0V
ISW = 100mA, VIN = 3.3V
125
135
mΩ
mΩ
PMOS Leakage Current
EN = 0
–100
0
100
nA
NMOS Leakage Current
EN = 0
–100
0
100
nA
Soft-Start Time
(Note 6)
l
0.25
1.3
3
ms
Rising PGOOD Threshold Voltage
Buck 1, as a Percentage of the Regulated VOUT
Bucks 2 to 8, as a Percentage of the Regulated VOUT
l
l
97
94
98
95
99
96
%
%
PGOOD Hysteresis
As a Percentage of the Regulated VOUT
0.5
1
1.5
%
Overvoltage Indication
As a Percentage of the Regulated VOUT
l
106
107.5
109
%
Overvoltage Hysteresis
As a Percentage of the Regulated VOUT
2
3
4
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com