Electronic Components Datasheet Search
  English  ▼

X  

LTC3637 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3637
Description  76V, 1A Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3637 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3637 Datasheet HTML 9Page - Linear Technology LTC3637 Datasheet HTML 10Page - Linear Technology LTC3637 Datasheet HTML 11Page - Linear Technology LTC3637 Datasheet HTML 12Page - Linear Technology LTC3637 Datasheet HTML 13Page - Linear Technology LTC3637 Datasheet HTML 14Page - Linear Technology LTC3637 Datasheet HTML 15Page - Linear Technology LTC3637 Datasheet HTML 16Page - Linear Technology LTC3637 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LTC3637
13
3637fa
For more information www.linear.com/LTC3637
APPLICATIONS INFORMATION
depends on the price versus size requirements and any
radiated field/EMI requirements. New designs for surface
mount inductors are available from Würth, Coilcraft, TDK,
Toko, and Sumida.
CIN and COUT Selection
The input capacitor, CIN, is needed to filter the trapezoidal
current at the source of the top high side MOSFET. CIN
should be sized to provide the energy required to charge
the inductor without causing a large decrease in input
voltage (
∆VIN). The relationship between CIN and ∆VIN
is given by:
CIN >
L •IPEAK2
2 • VIN • ∆VIN
It is recommended to use a larger value for CIN than
calculated by the above equation since capacitance de-
creases with applied voltage. In general, a 4.7µF X7R
ceramiccapacitorisagoodchoiceforCINinmostLTC3637
applications.
To minimize large ripple voltage, a low ESR input capaci-
tor sized for the maximum RMS current should be used.
RMS current is given by:
IRMS =IOUT(MAX) •
VOUT
VIN
•
VIN
VOUT
– 1
This formula has a maximum at VIN = 2VOUT, where IRMS =
IOUT/2.Thissimpleworst-caseconditioniscommonlyused
for design because even significant deviations do not offer
much relief. Note that ripple current ratings from capacitor
manufacturers are often based only on 2000 hours of life
which makes it advisable to further derate the capacitor,
or choose a capacitor rated at a higher temperature than
required.Severalcapacitorsmayalsobeparalleledtomeet
size or height requirements in the design.
The output capacitor, COUT, filters the inductor’s ripple
current and stores energy to satisfy the load current when
the LTC3637 is in sleep. The output ripple has a lower limit
of VOUT/160 due to the 5mV typical hysteresis of the feed-
back comparator. The time delay of the comparator adds
an additional ripple voltage that is a function of the load
current. During this delay time, the LTC3637 continues to
switch and supply current to the output. The output ripple
can be approximated by:
∆VOUT ≈
IPEAK
2
–ILOAD
 •
4 • 10–6
COUT
+
VOUT
160
The output ripple is a maximum at no load and approaches
lower limit of VOUT/160 at full load. Choose the output
capacitor COUT to limit the output voltage ripple ∆VOUT
using the following equation:
COUT ≥
IPEAK • 2 •10–6
∆VOUT –
VOUT
160
The value of the output capacitor must be large enough
to accept the energy stored in the inductor without a large
change in output voltage during a single switching cycle.
Setting this voltage step equal to 1% of the output voltage,
the output capacitor must be:
COUT > 50 •L •
IPEAK
VOUT
2
Typically, a capacitor that satisfies the voltage ripple
requirement is adequate to filter the inductor ripple. To
avoid overheating, the output capacitor must also be sized
to handle the ripple current generated by the inductor.
The worst-case ripple current in the output capacitor is
given by IRMS = IPEAK/2. Multiple capacitors placed in
parallel may be needed to meet the ESR and RMS current
handling requirements.
Dry tantalum, special polymer, aluminum electrolytic,
and ceramic capacitors are all available in surface mount
packages. Special polymer capacitors offer very low ESR
but have lower capacitance density than other types.
Tantalum capacitors have the highest capacitance density
but it is important only to use types that have been surge
tested for use in switching power supplies. Aluminum
electrolytic capacitors have significantly higher ESR but
can be used in cost-sensitive applications provided that
consideration is given to ripple current ratings and long-
term reliability. Ceramic capacitors have excellent low ESR
characteristics but can have high voltage coefficient and
audible piezoelectric effects. The high quality factor (Q)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com