Electronic Components Datasheet Search
  English  ▼

X  

LTC3637 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3637
Description  76V, 1A Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3637 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3637 Datasheet HTML 16Page - Linear Technology LTC3637 Datasheet HTML 17Page - Linear Technology LTC3637 Datasheet HTML 18Page - Linear Technology LTC3637 Datasheet HTML 19Page - Linear Technology LTC3637 Datasheet HTML 20Page - Linear Technology LTC3637 Datasheet HTML 21Page - Linear Technology LTC3637 Datasheet HTML 22Page - Linear Technology LTC3637 Datasheet HTML 23Page - Linear Technology LTC3637 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
LTC3637
20
3637fa
For more information www.linear.com/LTC3637
TYPICAL APPLICATIONS
Figure 13. 5V-76V Input to 5V Output, 1A Regulator with Soft-Start
Soft-Start Waveform
VFB
SS
SW
L1
10µH
VIN
RUN
FBO
ISET
COUT
100µF
×2
CIN
4.7µF
D1
CISET
47pF
CSS
150nF
RISET
255k
CIN: TDK C5750X7R2A-475M
COUT: 2 ×MURATA GRM32ER61A107ME20L
D1: DIODES INC. SBR3U100LP
L1: SUMIDA CDRH105R-100
VOUT
5V
1A
VIN
5V TO 76V
3637 F13
VPRG1
VPRG2
OVLO
GND
LTC3637
OUTPUT
VOLTAGE
1V/DIV
2ms/DIV
3637 F13b
VFB
ISET
SW
L1
10µH
VIN
RUN
FBO
COUT
10µF
CIN
2.2µF
R1
200k
D1
CIN: TDK CGA6N3X7R2A225M
COUT: TAIYO YUDEN UMK325BJ106MM
D1: DIODES INC. ES2BA-13-F
L1: TDK SLF10145T-100M
VOUT
36V
1A
VIN
36.5V TO 76V
3637 TA02a
OVLO
SS
VPRG1
VPRG2
GND
LTC3637
R2
32.4k
OUTPUT VOLTAGE
1V/DIV
AC-COUPLED
SW VOLTAGE
50V/DIV
INDUCTOR CURRENT
2A/DIV
5µs/DIV
VIN = 76V
VOUT = 36V
IOUT = 1A
3637 TA02b
36.5V to 76V Input to 36V Output, 1A Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com