Electronic Components Datasheet Search
  English  ▼

X  

LTC7124 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC7124
Description  17V, Dual 3.5A Synchronous Step-Down Regulator with Ultralow Quiescent Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7124 Datasheet(HTML) 1 Page - Linear Technology

  LTC7124 Datasheet HTML 1Page - Linear Technology LTC7124 Datasheet HTML 2Page - Linear Technology LTC7124 Datasheet HTML 3Page - Linear Technology LTC7124 Datasheet HTML 4Page - Linear Technology LTC7124 Datasheet HTML 5Page - Linear Technology LTC7124 Datasheet HTML 6Page - Linear Technology LTC7124 Datasheet HTML 7Page - Linear Technology LTC7124 Datasheet HTML 8Page - Linear Technology LTC7124 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LTC7124
1
7124fa
For more information www.linear.com/LTC7124
TYPICAL APPLICATION
FEATURES
DESCRIPTION
17V, Dual 3.5A Synchronous Step-Down
Regulator with Ultralow Quiescent Current
The LTC®7124 is a dual channel, 3.5A per output, high
efficiency monolithic step-down regulator capable of
operating from input supplies up to 17V. The program-
mable switching frequency ranges from 500kHz to 4MHz
with a ±25% external clock synchronization capability
aroundtheprogrammedfrequency.Theregulatorfeatures
ultralow quiescent current for high efficiency over a wide
VOUT range.
The step-down regulator operates from an input voltage
range of 3.1V to 17V and provides an adjustable output
range from 0.6V to 99% of VIN while delivering up to 3.5A
ofoutputcurrentperchannel.Auserselectablemodeinput
is provided to allow the user to trade off output ripple for
light load efficiency; Burst Mode® operation provides the
highest efficiency at light loads, while forced continuous
operation provides the lowest output ripple. The LTC7124
includesspreadspectrummodulationforlowradiatedand
conductive noise. The LTC7124 is offered in a thermally
enhanced, low profile 24-lead 3mm × 5mm QFN package
Efficiency & Power Loss
vs Load Current at 1MHz
1.8V/3.3V 1MHz Step-Down Regulator
APPLICATIONS
n
Wide VIN Range: 3.1V to 17V
n
Wide VOUT Range: 0.6V to 99% VIN
n
Dual Step-Down Outputs: 3.5A Per Channel
n
Integrated 80mΩ/40mΩ N-Channel MOSFETs
Provide Up to 95% Efficiency
n
No-Load IQ < 8μA with Both Channels Enabled;
IQ < 5.5μA with Only One Channel Enabled
n
Programmable Frequency (500kHz to 4MHz) with
±25% Frequency Synchronization Range
n
Configurable for a 2-Phase Single Output at Up to 7A
n
±1.0% Output Voltage Accuracy
n
Current Mode Operation for Excellent Line and Load
Transient Response
n
Internal or Programmable External Loop Compensation
n
Available in a 3mm × 5mm QFN-24 Package
n
Battery-Powered Systems
n
Point-of-Load Supplies
n
Portable Instruments
n
Handheld Scanners
CIN
47µF
2.2µF
CINTVCC
RRT
100k
CBOOST2
0.1µF
COUT2
100µF
R3
619k
R4
137k
L2
1.8µH
CFF2
16pF
CBOOST1
0.1µF
COUT1
100µF
R1
619k
R2
309k
L1
1.2µH
CFF1
22pF
LTC7124
7124 TA01
VIN1
VIN2
RUN1
RUN2
ILIM
GND
FB1
FB2
SW1
SW2
BOOST1
BOOST2
INTVCC
ITH1
ITH2
RT
MODE/SYNC
VOUT1
1.8V AT 3.5A
VOUT2
3.3V AT 3.5A
VIN
10.8V TO 13.2V
x2
VIN = 12V
VOUT = 5.0V
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
3
3.5
0
10
20
30
40
50
60
70
80
90
100
0
0.4
0.8
1.2
1.6
7124 TA01a
L
, LT, LTC, LTM, Burst Mode, Linear Technology, the Linear logo, LTpowerCAD and LTspice
are registered trademarks of Analog Devices, Inc. All other trademarks are the property of their
respective owners. Protected by U.S. Patents, including 5481178, 6580258, 6498466, 6611131,
6177787, 5705919, 5847554.


Similar Part No. - LTC7124

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC7124 AD-LTC7124 Datasheet
1Mb / 20P
Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
More results

Similar Description - LTC7124

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3621 LINER-LTC3621_15 Datasheet
289Kb / 18P
17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3621-2 LINER-LTC3621-2_15 Datasheet
289Kb / 18P
17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3622 LINER-LTC3622_15 Datasheet
593Kb / 24P
17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3622-2 LINER-LTC3622-2_15 Datasheet
593Kb / 24P
17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3622-23 LINER-LTC3622-23_15 Datasheet
593Kb / 24P
17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3624 LINER-LTC3624_15 Datasheet
369Kb / 20P
17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3624-2 LINER-LTC3624-2_15 Datasheet
369Kb / 20P
17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LT8610A LINER-LT8610A_15 Datasheet
378Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LTC3622 LINER-LTC3622 Datasheet
1Mb / 24P
17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
logo
Analog Devices
LTC3644 AD-LTC3644 Datasheet
1Mb / 20P
Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com