Electronic Components Datasheet Search
  English  ▼

X  

LTC7124 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC7124
Description  17V, Dual 3.5A Synchronous Step-Down Regulator with Ultralow Quiescent Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7124 Datasheet(HTML) 3 Page - Linear Technology

  LTC7124 Datasheet HTML 1Page - Linear Technology LTC7124 Datasheet HTML 2Page - Linear Technology LTC7124 Datasheet HTML 3Page - Linear Technology LTC7124 Datasheet HTML 4Page - Linear Technology LTC7124 Datasheet HTML 5Page - Linear Technology LTC7124 Datasheet HTML 6Page - Linear Technology LTC7124 Datasheet HTML 7Page - Linear Technology LTC7124 Datasheet HTML 8Page - Linear Technology LTC7124 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LTC7124
3
7124fa
For more information www.linear.com/LTC7124
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Transient Absolute Maximum Voltages should not be applied for
more than 4% of the switching duty cycle.
Note 3: The LTC7124 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC7124E is guaranteed to meet specified performance from
0°C to 85°C. Specifications over the –40°C to 125°C operating junction
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTC7124I is guaranteed over the
full –40°C to 125°C operating junction temperature range. Note that the
maximum ambient temperature consistent with these specifications is
determined by specific operating conditions in conjunction with board layout,
the rated package thermal impedance and other environmental factors.
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN1 = VIN2 = 12V, unless otherwise noted. (Note 3)
TJ is calculated from the ambient TA and power dissipation PD according
to the following formula: TJ = TA + (PD • θJA)
Note 4: The Quiescent Current in active mode does not include switching
loss of the power FETs.
Note 5: The LTC7124 is tested in a proprietary test mode that connects
VFB to the output of error amplifier.
Note 6: The maximum VOUT is limited by the automatic boost refresh that
occurs in high duty cycle and dropout cases. The maximum VOUT value
listed here is guaranteed by design.
Note 7: The minimum on-time is determined by the speed of the top
switch driver and peak current comparator. The typical value listed here is
guaranteed by design.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ΔVLOAD&LINE
REG
Output Voltage Load and Line Regulation
VIN = 3.1 to 17V (Note 5)
ITH = 0.3V to 0.9V
0.3
0.5
%
IFB
Feedback Pin Input Current
10
nA
gm(EA)
Error Amplifier Transconductance
ITH = 0.6V
300
500
700
µS
tON-MIN
Minimum On Time
(Note 7)
50
ns
ISW
Top NMOS Switch Leakage
Bottom NMOS Switch Leakage
0.1
0.1
±1
±1
µA
µA
RDS(ON)
Top NMOS On Resistance
Bottom NMOS On Resistance
80
40
mΩ
mΩ
VRUN
RUN Input High
RUN Input Low
1.0
0.3
V
V
RUN Input Current
VRUN = 12V
0
±100
nA
VMODE/SYNC
Pulse Skip Mode
Burst Mode Operation
Forced Continuous Mode
INTVCC–0.4
1.0
0.3
INTVCC–1.2
V
V
V
VILIM
ILIM Input Threshold
Input Low
Input High
INTVCC–0.3
0.2
V
V
ILIM
Peak Current Limit
ILIM = 0V (Both Channels)
ILIM = INTVCC (Both Channels)
ILIM = Floating, Channel 1
ILIM = Floating, Channel 2
4.4
2.2
4.4
2.2
5.0
2.6
5.0
2.6
5.6
3.0
5.6
3.0
A
A
A
A
tSS
Internal Soft Start Time
1100
µs
VINTVCC
VINTVCC LDO Output Voltage
VIN1 > 4V
3.6
V
VINTVCC Undervoltage Lockout
VIN1 Ramping Up
l
2.75
2.9
3.05
V
VINTVCC Undervoltage Lockout Hysteresis
300
mV
VIN Overvoltage Lockout Rising
l
17.9
18.4
18.9
V
VIN Overvoltage Lockout Hysteresis
500
mV
fOSC
RT Programmable Oscillator Frequency
RRT = 100k
l
0.92
1
1.08
MHz
fSYNC
SYNC Capture Range
% of Programmed Frequency
l
75
125
%
Power Good Range
±5
±7.5
±10
%
RPGOOD
Power Good Resistance
650
1000
Ω
tPGOOD
PGOOD Delay
PGOOD Low to High, RRT = 100k
PGOOD High to Low, RRT = 100k
25
32
µs
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com