Electronic Components Datasheet Search
  English  ▼

X  

LTC7138 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC7138
Description  High Efficiency, 140V 400mA Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7138 Datasheet(HTML) 2 Page - Linear Technology

  LTC7138 Datasheet HTML 1Page - Linear Technology LTC7138 Datasheet HTML 2Page - Linear Technology LTC7138 Datasheet HTML 3Page - Linear Technology LTC7138 Datasheet HTML 4Page - Linear Technology LTC7138 Datasheet HTML 5Page - Linear Technology LTC7138 Datasheet HTML 6Page - Linear Technology LTC7138 Datasheet HTML 7Page - Linear Technology LTC7138 Datasheet HTML 8Page - Linear Technology LTC7138 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC7138
2
7138f
For more information www.linear.com/LTC7138
absoluTe MaxiMuM raTings
1
3
5
6
7
8
SW
VIN
FBO
VPRG2
VPRG1
GND
16
14
12
11
10
9
ANODE
RUN
OVLO
ISET
SS
VFB
TOP VIEW
17
GND
MSE PACKAGE
VARIATION: MSE16 (12)
16-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 40°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
pin conFiguraTion
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC7138EMSE#PBF
LTC7138EMSE#TRPBF
7138
16-Lead Plastic MSOP
–40°C to 125°C
LTC7138IMSE#PBF
LTC7138IMSE#TRPBF
7138
16-Lead Plastic MSOP
–40°C to 125°C
LTC7138HMSE#PBF
LTC7138HMSE#TRPBF
7138
16-Lead Plastic MSOP
–40°C to 150°C
LTC7138MPMSE#PBF
LTC7138MPMSE#TRPBF 7138
16-Lead Plastic MSOP
–55°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
VIN Supply Voltage................................... –0.3V to 140V
RUN Voltage............................................. –0.3V to 140V
SS, FBO, OVLO, ISET Voltages...................... –0.3V to 6V
VFB, VPRG1, VPRG2 Voltages ......................... –0.3V to 6V
Operating Junction Temperature Range (Notes 2, 3, 4)
LTC7138E, LTC7138I.......................... –40°C to 125°C
LTC7138H .......................................... –40°C to 150°C
LTC7138MP ....................................... –55°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
(Note 1)
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 12V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply (VIN)
VIN
Input Voltage Operating Range
4
140
V
VOUT
Output Voltage Operating Range
0.8
VIN
V
UVLO
VIN Undervoltage Lockout
VIN Rising
VIN Falling
Hysteresis
l
l
3.5
3.3
3.75
3.5
250
4.0
3.8
V
V
mV
IQ
DC Supply Current (Note 5)
Active Mode
Sleep Mode
Shutdown Mode
No Load
VRUN = 0V
200
12
1.4
400
22
6
µA
µA
µA
VRUN
RUN Pin Threshold
RUN Rising
RUN Falling
Hysteresis
1.17
1.06
1.21
1.10
110
1.25
1.14
V
V
mV
IRUN
RUN Pin Leakage Current
RUN = 1.3V
–10
0
10
nA
VOVLO
OVLO Pin Threshold
OVLO Rising
OVLO Falling
Hysteresis
1.17
1.06
1.21
1.10
110
1.25
1.14
V
V
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com