Electronic Components Datasheet Search
  English  ▼

X  

LTC7138 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC7138
Description  High Efficiency, 140V 400mA Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7138 Datasheet(HTML) 3 Page - Linear Technology

  LTC7138 Datasheet HTML 1Page - Linear Technology LTC7138 Datasheet HTML 2Page - Linear Technology LTC7138 Datasheet HTML 3Page - Linear Technology LTC7138 Datasheet HTML 4Page - Linear Technology LTC7138 Datasheet HTML 5Page - Linear Technology LTC7138 Datasheet HTML 6Page - Linear Technology LTC7138 Datasheet HTML 7Page - Linear Technology LTC7138 Datasheet HTML 8Page - Linear Technology LTC7138 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC7138
3
7138f
For more information www.linear.com/LTC7138
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 12V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Supply (VFB)
VFB(ADJ)
Feedback Comparator Threshold
(Adjustable Output)
VFB Rising, VPRG1 = VPRG2 = 0V
LTC7138E, LTC7138I
LTC7138H, LTC7138MP
l
l
0.792
0.788
0.800
0.800
0.808
0.812
V
V
VFBH
Feedback Comparator Hysteresis
(Adjustable Output)
VFB Falling, VPRG1 = VPRG2 = 0V
l
3
5
9
mV
IFB
Feedback Pin Current
VFB = 1V, VPRG1 = VPRG2 = 0V
–10
0
10
nA
VFB(FIXED)
Feedback Comparator Thresholds
(Fixed Output)
VFB Rising, VPRG1 = SS, VPRG2 = 0V
VFB Falling, VPRG1 = SS, VPRG2 = 0V
l
l
4.94
4.91
5.015
4.985
5.09
5.06
V
V
VFB Rising, VPRG1 = 0V, VPRG2 = SS
VFB Falling, VPRG1 = 0V, VPRG2 = SS
l
l
3.25
3.23
3.31
3.29
3.37
3.35
V
V
VFB Rising, VPRG1 = VPRG2 = SS
VFB Falling, VPRG1 = VPRG2 = SS
l
l
1.78
1.77
1.81
1.80
1.84
1.83
V
V
Operation
IPEAK
Peak Current Comparator Threshold
ISET Floating
100k Resistor from ISET to GND
ISET Shorted to GND
l
l
l
540
270
140
610
310
170
680
350
200
mA
mA
mA
IVAL
Valley Current Comparator Threshold
Relative to IPEAK
ISET Floating
100k Resistor from ISET to GND
ISET Shorted to GND
l
l
l
50
45
45
60
60
60
70
70
75
%
%
%
RON
Power Switch On-Resistance
ISW = –100mA
1.8
Ω
ILSW
Switch Pin Leakage Current
VIN = 140V, SW = 0V
0.1
1
μA
ISS
Soft-Start Pin Pull-Up Current
VSS < 2.5V
4
5
6
μA
tINT(SS)
Internal Soft-Start Time
SS Pin Floating
1
ms
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC7138 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC7138E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 125°C operating
junction temperature range are assured by design, characterization and
correlation with statistical process controls. The LTC7138I is guaranteed
over the –40°C to 125°C operating junction temperature range, the
LTC7138H is guaranteed over the –40°C to 150°C operating junction
temperature range and the LTC7138MP is tested and guaranteed over the
–55°C to 150°C operating junction temperature range.
High junction temperatures degrade operating lifetimes; operating lifetime
is derated for junction temperatures greater than 125°C. Note that the
maximum ambient temperature consistent with these specifications is
determined by specific operating conditions in conjunction with board
layout, the rated package thermal impedance and other environmental
factors.
Note 3: The junction temperature (TJ, in °C) is calculated from the ambient
temperature (TA, in °C) and power dissipation (PD, in Watts) according to
the formula:
TJ = TA + (PD • θJA)
where
θJA is 40°C/W for the MSOP package.
Note that the maximum ambient temperature consistent with these
specifications is determined by specific operating conditions in
conjunction with board layout, the rated package thermal impedance and
other environmental factors.
Note 4: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. The maximum
rated junction temperature will be exceeded when this protection is active.
Continuous operation above the specified absolute maximum operating
junction temperature may impair device reliability or permanently damage
the device. The overtemperature protection level is not production tested.
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com