Electronic Components Datasheet Search
  English  ▼

X  

AD8352 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8352
Description  2 GHz, Ultralow Distortion, Differential RF/IF Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8352 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8352 Datasheet HTML 6Page - Analog Devices AD8352 Datasheet HTML 7Page - Analog Devices AD8352 Datasheet HTML 8Page - Analog Devices AD8352 Datasheet HTML 9Page - Analog Devices AD8352 Datasheet HTML 10Page - Analog Devices AD8352 Datasheet HTML 11Page - Analog Devices AD8352 Datasheet HTML 12Page - Analog Devices AD8352 Datasheet HTML 13Page - Analog Devices AD8352 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
AD8352
Data Sheet
Rev. C | Page 10 of 19
FREQUENCY (MHz)
0
1000
0.6
0.5
0.4
0.3
0.2
0.1
0
0
–20
–40
–60
–80
–100
–120
100
200
300
400
500
600
700
800
900
Figure 16. Group Delay and Phase vs. Frequency, AV = 10 dB, RL = 200 Ω
3500
3000
2500
2000
1000
1500
500
0
0
–0.05
–0.10
–0.15
–0.25
–0.20
–0.30
–0.35
0
100
200
300
1000
400
500
600
700
800
900
FREQUENCY (MHz)
Figure 17. S11 Equivalent RC Parallel Network, RG = 115 Ω
160
100
120
140
60
80
40
20
0
0.7
0.6
0.5
0.4
0.2
0.3
0.1
–1.0
0
0
100
200
300
1000
400
500
600
700
800
900
FREQUENCY (MHz)
Figure 18. S22 Equivalent RC Parallel Network, RG = 115 Ω
TIME (nsec)
0
3.0
1.5
–1.5
1.0
0.5
0
–0.5
–1.0
0.5
1.0
1.5
2.0
2.5
tRISE (10/90) = 215ps
tFALL (10/90) = 210ps
Figure 19. Large Signal Output Transient Response, RL = 200 Ω, AV = 10 dB
5
–5
0
4.0
TIME (nsec)
4
3
2
1
0
–1
–2
–3
–4
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Figure 20. 1% Settling Time for a 2 V p-p Step Response,
AV = 10 dB, RL = 200 Ω
5
6
3
4
2
1
0
0
50
100
150
400
200
250
300
350
GAIN SETTING RESISTOR (Ω)
5
10
15
20
25
Figure 21. Spectral Noise Density RTI and Noise Figure vs. RG, RL = 200 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com