Electronic Components Datasheet Search
  English  ▼

X  

AD8352 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8352
Description  2 GHz, Ultralow Distortion, Differential RF/IF Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8352 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8352 Datasheet HTML 11Page - Analog Devices AD8352 Datasheet HTML 12Page - Analog Devices AD8352 Datasheet HTML 13Page - Analog Devices AD8352 Datasheet HTML 14Page - Analog Devices AD8352 Datasheet HTML 15Page - Analog Devices AD8352 Datasheet HTML 16Page - Analog Devices AD8352 Datasheet HTML 17Page - Analog Devices AD8352 Datasheet HTML 18Page - Analog Devices AD8352 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Data Sheet
AD8352
Rev. C | Page 15 of 19
AD8352
50
Ω
0
Ω
0
Ω
CD
RD
RG
0.1µF
0.1µF
0.1µF
0.1µF
16
1
2
3
4
5
24
Ω
0.1µF
10
24
Ω
0.1µF
11
8, 13
14
VCC
AD9445
IF/RF INPUT
ADT1-1WT
Figure 34. Differential Input to the AD8352 Driving the AD9445
RD
RG
25
Ω
50
Ω
50
Ω
AD8352
CD
33
Ω
33
Ω
0.1µF
0.1µF
0.1µF
0.1µF
AC
VIP
VIN
VOP
VON
RN
200
Ω
AD9445
VIN+
VIN–
Figure 35. Single-Ended Input to the AD8352 Driving the AD9445
0
–150
0
52.50
FREQUENCY (MHz)
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
5.25 10.50 15.75 21.00 26.25 31.50 36.75 42.00 47.25
SNR = 67.26dBc
SFDR = 83.18dBc
NOISE FLOOR = –110.5dB
FUND = –1.074dBFS
SECOND = –83.14dBc
THIRD = –85.39dBc
Figure 36. Single Tone Distortion AD8352 Driving AD9445,
Encode Clock at 105 MHz with fC at 100 MHz (AV = 10 dB), See Figure 34
FREQUENCY (MHz)
0
–150
0
52.50
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
5.25 10.50 15.75 21.00 26.25 31.50 36.75 42.00 47.25
SNR = 61.98dBc
NOISE FLOOR = –111.2dB
FUND1 = –7.072dBFS
FUND2 = –7.043dBFS
IMD (2F2-F1) = –89dBc
IMD (2F1-F2) = –88dBc
Figure 37. Two Tone Distortion AD8352 Driving AD9445,
Encode Clock at 105 MHz with fC at 100 MHz (AV = 10 dB),
Analog In = 98 MHz and 101 MHz, See Figure 34
LAYOUT AND TRANSMISSION LINE EFFECTS
High Q inductive drives and loads, as well as stray transmission
line capacitance in combination with package parasitics, can
potentially form a resonant circuit at high frequencies resulting
in excessive gain peaking or possible oscillation. If RF transmission
lines connecting the input or output are used, they should be
designed such that stray capacitance at the input/output pins is
minimized. In many board designs, the signal trace widths should
be minimal where the driver/ receiver is more than one-eighth
of the wavelength from the AD8352. This nontransmission line
configuration requires that underlying and adjacent ground and
low impedance planes be dropped from the signal lines. In a
similar fashion, stray capacitance should be minimized near the
RG, CD, and RD components and associated traces. This also
requires not placing low impedance planes near these components.
Refer to the evaluation board layout (Figure 39 and Figure 40)
for more information. Excessive stray capacitance at these nodes
results in unwanted high frequency distortion. The 0.1 µF supply
decoupling capacitors need to be close to the amplifier. This
includes Signal Capacitor C2 through Signal Capacitor C5.
Parasitic suppressing resistors (R5, R6, R7, and R11) can be
used at the device input/output pins. Use 25 Ω series resistors
(Size 0402) to adequately de-Q the input and output system
from most parasitics without a significant decrease in gain. In
general, if proper board layout techniques are used, the suppression
resistors are not necessarily required. Output Parasitic Suppression
Resistor R7 and Output Parasitic Suppression Resistor R11 can
be required for driving some switch capacitor ADCs. These
suppressors, with Input C of the converter (and possibly added
External Shunt C), help provide charge kickback isolation and
improve overall distortion at high encode rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com