Electronic Components Datasheet Search
  English  ▼

X  

ADL5541 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5541
Description  RF/IF Gain Block
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5541 Datasheet(HTML) 2 Page - Analog Devices

  ADL5541 Datasheet HTML 1Page - Analog Devices ADL5541 Datasheet HTML 2Page - Analog Devices ADL5541 Datasheet HTML 3Page - Analog Devices ADL5541 Datasheet HTML 4Page - Analog Devices ADL5541 Datasheet HTML 5Page - Analog Devices ADL5541 Datasheet HTML 6Page - Analog Devices ADL5541 Datasheet HTML 7Page - Analog Devices ADL5541 Datasheet HTML 8Page - Analog Devices ADL5541 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ADL5541
Data Sheet
TABLE OF CONTENTS
Features .............................................................................................. 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Typical Scattering Parameters..................................................... 5
Absolute Maximum Ratings............................................................ 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Descriptions............................. 7
Typical Performance Characteristics ..............................................8
Operating to 20 MHz................................................................. 10
Basic Connections .......................................................................... 11
Soldering Information and Recommended PCB Land
Pattern.......................................................................................... 11
Evaluation Board ............................................................................ 12
Outline Dimensions ....................................................................... 13
Ordering Guide .......................................................................... 13
REVISION HISTORY
2/15—Rev. A to Rev. B
Changed Frequency Range from 50 MHz to 6000 MHz to
20 MHz to 6000 MHz (Throughout) ............................................. 1
Changes to Table 1............................................................................ 3
Added Figure 14 to Figure 19; Renumbered Sequentially ........ 10
Changes to Basic Connections Section and Table 5; Added
Figure 21 and Figure 22 ................................................................. 11
Updated Outline Dimensions ....................................................... 13
Changes to Ordering Guide .......................................................... 13
11/13—Rev. 0 to Rev. A
Changes to Figure 2...........................................................................7
Added Figure 13, Renumbered Sequentially .................................9
Added Exposed Pad Notation to Outline Dimensions ..............12
7/07—Revision 0: Initial Version
Rev. B | Page 2 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com