Electronic Components Datasheet Search
  English  ▼

X  

ADL5541 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5541
Description  RF/IF Gain Block
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5541 Datasheet(HTML) 3 Page - Analog Devices

  ADL5541 Datasheet HTML 1Page - Analog Devices ADL5541 Datasheet HTML 2Page - Analog Devices ADL5541 Datasheet HTML 3Page - Analog Devices ADL5541 Datasheet HTML 4Page - Analog Devices ADL5541 Datasheet HTML 5Page - Analog Devices ADL5541 Datasheet HTML 6Page - Analog Devices ADL5541 Datasheet HTML 7Page - Analog Devices ADL5541 Datasheet HTML 8Page - Analog Devices ADL5541 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Data Sheet
ADL5541
SPECIFICATIONS
VPOS = 5 V and TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
20
6000
MHz
Gain (S21)
900 MHz
15.2
dB
Input Return Loss (S11)
Frequency 500 MHz to 5 GHz
−12
dB
Output Return Loss (S22)
Frequency 500 MHz to 5 GHz
−10
dB
Reverse Isolation (S12)
−19
dB
FREQUENCY = 20 MHz
Gain
17.6
dB
Output 1 dB Compression Point
18.3
dBm
Output Third-Order Intercept
∆f = 1 MHz, output power (POUT) = 0 dBm per tone
38
dBm
Noise Figure
3.3
dB
FREQUENCY = 100 MHz
Gain
15.7
dB
Output 1 dB Compression Point
19
dBm
Output Third-Order Intercept
∆f = 1 MHz, output power (POUT) = 0 dBm per tone
37
dBm
Noise Figure
3.9
dB
FREQUENCY = 500 MHz
Gain
14.7
15.1
15.5
dB
vs. Frequency
±50 MHz
±0.15
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.1
dB
vs. Supply
4.75 V to 5.25 V
±0.01
dB
Output 1 dB Compression Point
19.9
dBm
Output Third-Order Intercept
∆f = 1 MHz, output power (POUT) = 3 dBm per tone
44
dBm
Noise Figure
3.5
3.7
dB
FREQUENCY = 900 MHz
Gain
14.9
15.2
15.4
dB
vs. Frequency
±50 MHz
±0.03
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.15
dB
vs. Supply
4.75 V to 5.25 V
±0.01
dB
Output 1 dB Compression Point
19.7
dBm
Output Third-Order Intercept
∆f = 1 MHz, output power (POUT) = 0 dBm per tone
40.8
dBm
Noise Figure
3.5
3.7
dB
FREQUENCY = 2000 MHz
Gain
13.9
14.7
15.4
dB
vs. Frequency
±50 MHz
±0.03
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.17
dB
vs. Supply
4.75 V to 5.25 V
±0.01
dB
Output 1 dB Compression Point
16.3
dBm
Output Third-Order Intercept
∆f = 1 MHz, output power (POUT) = 0 dBm per tone
39.2
dBm
Noise Figure
3.8
4.0
dB
FREQUENCY = 2400 MHz
Gain
13.9
14.5
15.1
dB
vs. Frequency
±50 MHz
±0.03
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.19
dB
vs. Supply
4.75 V to 5.25 V
±0.02
dB
Output 1 dB Compression Point
14.9
dBm
Output Third-Order Intercept
∆f = 1 MHz, output power (POUT) = 0 dBm per tone
38.6
dBm
Noise Figure
4.0
4.2
dB
Rev. B | Page 3 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com