Electronic Components Datasheet Search
  English  ▼

X  

ATR0797 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATR0797
Description  65-300 MHZ SIGE IF RECEIVER DEMODULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0797 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATR0797 Datasheet HTML 3Page - ATMEL Corporation ATR0797 Datasheet HTML 4Page - ATMEL Corporation ATR0797 Datasheet HTML 5Page - ATMEL Corporation ATR0797 Datasheet HTML 6Page - ATMEL Corporation ATR0797 Datasheet HTML 7Page - ATMEL Corporation ATR0797 Datasheet HTML 8Page - ATMEL Corporation ATR0797 Datasheet HTML 9Page - ATMEL Corporation ATR0797 Datasheet HTML 10Page - ATMEL Corporation ATR0797 Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
ATR0797
4665D–SIGE–08/04
Figure 9. Demo Test Board Schematic
T
4
GC1
GC2
T
3
LOin
R
4
L
2
C
4
BBIN
BBIP
BBQP
BBQN
V
CC
5 V
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
J
2
H2
D
1
R
9
J
1
J
6
J
5
J
4
J
3
L
1
L
7
L
5
L
6
L
3
L
4
C
8
C
3
C
7
C
12
C
15
C
19
C
17
C
18
C
16
C
14
C
13
C
11
C
5
C
9
C
10
C
6
R
3
R
7
R
8
R
10
R
5
R
6
V
CC
V
CC
V
CC
V
CC
V
CC
V
CC
Table 1. Bill of Materials
Component
Reference
Vendor
Part Number
Value
Size/Package
IF Demodulator
D1
Atmel
ATR0797
PSSO16
SMA end launch
connector
J1, J2, J3, J4, J5, J6
Johnson
Components
™
742-0711-841
Transformer
T
3, T4
Mini-Circuits
®
TC1-1
Supply bypass
capacitor
C
19
1 µF
1206
Resistor
R
7, R8
1 k
Ω
0402
Capacitor
C
11, C12, C16
22 pF
0402
Inductor
L
1, L2, L3, L4, L7
Würth Elektronik
®
74476401
1 µH
1210
Capacitor
C
13, C14, C17, C18
68 pF
0402
Resistor
R
3, R4, R5, R6
0
Ω
0402
Capacitor
C
3, C4, C5, C6, C7, C8,
C
9, C10
820 pF
0402
Resistor
R
9, R10
51
Ω
0402
Inductor
L
5, L6
10 nH
0402
Capacitor
C
15
100 pF
0402



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com