Electronic Components Datasheet Search
  English  ▼

X  

MP3423GG Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3423GG
Description  9A, 600kHz Synchronous Step-up Converter with Output Disconnect Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3423GG Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3423GG Datasheet HTML 1Page - Monolithic Power Systems MP3423GG Datasheet HTML 2Page - Monolithic Power Systems MP3423GG Datasheet HTML 3Page - Monolithic Power Systems MP3423GG Datasheet HTML 4Page - Monolithic Power Systems MP3423GG Datasheet HTML 5Page - Monolithic Power Systems MP3423GG Datasheet HTML 6Page - Monolithic Power Systems MP3423GG Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EV3423-G-00A – 9A, 600KHZ SYNCHRONOUS STEP-UP CONVERTER
EV3423-G-00A Rev.1.0
www.MonolithicPower.com
2
6/27/2014
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
Notes
:
1) NC (PIN10) need short to VIN.
2) NC (PIN7) need float or connect to GND
3) It is strongly recommended control IC on/off through EN pin.
EV3423-G-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
4
C1A, C1B,
C2B, C2C
22μF
Ceramic Cap, 10V,X7R
1210
Murata
GRM32ER71A226KE20L
1
C2A
1μF
Ceramic Cap,10V,X5R
0603
Murata
GRM188R61A105KA61D
1
L1
1.5μH
RDC=6.6mΩ,
IR=11A,Isat=14A,
SMD
Wurth
744311150
1
R1
787kΩ Film Res,1%
0603
YAGEO
RC0603FR-07787KL
1
R2
150kΩ Film Res,1%
0603
ROYAL
RL0603FR-07150KL
1
R3
100kΩ Film Res,1%
0603
ROYAL
RL0603FR-07100KL
1
U1
MP3423
9A Synchronous Step-up
Converter with Output
Disconnect
QFN-14
2mmx2mm
MPS
MP3423GG



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com