Electronic Components Datasheet Search
  English  ▼

X  

MP3423GG Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3423GG
Description  9A, 600kHz Synchronous Step-up Converter with Output Disconnect Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3423GG Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3423GG Datasheet HTML 1Page - Monolithic Power Systems MP3423GG Datasheet HTML 2Page - Monolithic Power Systems MP3423GG Datasheet HTML 3Page - Monolithic Power Systems MP3423GG Datasheet HTML 4Page - Monolithic Power Systems MP3423GG Datasheet HTML 5Page - Monolithic Power Systems MP3423GG Datasheet HTML 6Page - Monolithic Power Systems MP3423GG Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EV3423-G-00A
9A, 600kHz Synchronous
Step-up Converter with Output Disconnect
Evaluation Board
EV3423-G-00A Rev.1.0
www.MonolithicPower.com
1
6/27/2014
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
EV3423-G-00A Evaluation Board is designed to
demonstrate the capability of MP3423. MP3423
is a high-efficiency, synchronous, current-mode,
step-up converter with output disconnect.
The MP3423 can provide small size solution for
5V/3.1A load from a supply voltage down to
2.8V. The integrated P-channel synchronous
rectifier improves efficiency and eliminates the
need for an external Schottky diode. The PMOS
disconnects the output from the input when the
part shuts down.
The 600kHz switching frequency allows for
small external components, while the internal
compensation and soft-start minimize the
external component count. The MP3423 is
available in 14-pin QFN 2mmx2mm package.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
2.8 – 4.2
V
Output Voltage
VOUT
5
V
Output Current
IOUT
0 – 3.1
A
FEATURES
• 2.5V to 5.5V Input Work Range
• 2.5V to 5.5V Output Range
• Internal Synchronous Rectifier
• 600kHz Fixed Frequency Switching
• 9A Switch Current Limit Capability
• 43uA Quiescent Current
• High Efficiency over Full Load Range
• Internal Soft-start and Compensation
• True Output Load Disconnect from Input
• OCP, SCP, OVP and OTP Protection
• Small QFN2x2-14 Package
APPLICATIONS
• Battery-Powered Products
• Personal Medical Devices
• Portable Media Players
• Wireless Peripherals
• Handheld Computers and Smart Phones
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology”, are Registered Trademarks
of Monolithic Power Systems, Inc.
EV3423-G-00A EVALUATION BOARD
(L x W x H ) 6.35cm x 6.35cm x 0.6cm
Board Number
MPS IC Number
EV3423-G-00A
MP3423GG


Similar Part No. - MP3423GG

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3423GG MPS-MP3423GG Datasheet
550Kb / 17P
9A, 600kHz High Efficiency, Synchronous Step-Up Converter with Output Disconnect in 2x2mm QFN Package
More results

Similar Description - MP3423GG

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3418 MPS-MP3418 Datasheet
751Kb / 14P
400mA, 1.2MHz, Synchronous, Step-up Converter with Output Disconnect
MP3414 MPS-MP3414 Datasheet
480Kb / 14P
1.8A,1MHz, Synchronous, Step-up Converter with Output Disconnect
MP3415 MPS-MP3415 Datasheet
673Kb / 17P
3.6A, 1MHz, Synchronous, Step-Up Converter with Output Disconnect
MP3422 MPS-MP3422 Datasheet
456Kb / 16P
6.5A, 600kHz High Efficiency, Synchronous Step-Up Converter with Output Disconnect in 2x2mm QFN Package
MP3423 MPS-MP3423 Datasheet
550Kb / 17P
9A, 600kHz High Efficiency, Synchronous Step-Up Converter with Output Disconnect in 2x2mm QFN Package
EV3414A-J-00A MPS-EV3414A-J-00A Datasheet
582Kb / 7P
3A, 1MHz Synchronous Step-Up Converter with Output Disconnect Evaluation Board
EV3415-G-00A MPS-EV3415-G-00A Datasheet
477Kb / 7P
3.6A, 1MHz Synchronous Step-up Converter with Output Disconnect Evaluation Board
EV3416-J-00A MPS-EV3416-J-00A Datasheet
622Kb / 7P
1.1A Switching Current Low Iq, step-up converter Output Disconnect Evaluation Board
EV3421-G-00A MPS-EV3421-G-00A Datasheet
399Kb / 7P
5.5A, 600kHz Synchronous Step-up Converter with Output Disconnect Evaluation Board
EV3422-G-00A MPS-EV3422-G-00A Datasheet
417Kb / 7P
6.5A, 600kHz Synchronous Step-up Converter with Output Disconnect Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com