Electronic Components Datasheet Search
  English  ▼

X  

MP3428GL Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3428GL
Description  17A, 600kHz, 20V Wide Input Synchronous Boost Converter EV Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3428GL Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3428GL Datasheet HTML 1Page - Monolithic Power Systems MP3428GL Datasheet HTML 2Page - Monolithic Power Systems MP3428GL Datasheet HTML 3Page - Monolithic Power Systems MP3428GL Datasheet HTML 4Page - Monolithic Power Systems MP3428GL Datasheet HTML 5Page - Monolithic Power Systems MP3428GL Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EV3428-L-00A―17A, 600kHz, 20V WIDE INPUT SYNCHRONOUS BOOST CONVERTER EV BOARD
EV3428-L-00A Rev.1.1
www.MonolithicPower.com
3
11/5/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EVB TEST RESULTS
Performance waveforms are tested on the evaluation board.
VIN = 3.3V, VOUT = 12V, IOUT=2.1A, L = 1.5µH, TA = 25°C, MODE=float, RSENSE=5mΩ, unless
otherwise noted.
VIN
2V/div.
VSW
10V/div.
VOUT
AC Coupled
50mV/div.
IL
2A/div.
VIN
2V/div.
VSW
10V/div.
VOUT
AC Coupled
100mV/div.
IL
10A/div.
VIN
5V/div.
VSW
10V/div.
VOUT
5V/div.
IL
5A/div.
40
45
50
55
60
65
70
75
80
85
90
95
100
0.001
0.01
0.1
1
10
-1
-0.6
-0.2
0.2
0.6
1
02
46
8
-1
-0.6
-0.2
0.2
0.6
1
2
4
6
8
10
12
0
10
20
30
40
50
60
70
80
90
01
23
45
67
-60
-48
-36
-24
-12
0
12
24
36
48
60
1.00E+02
1.00E+04
1.00E+06
-180
-144
-108
-72
-36
0
36
72
108
144
180
-60
-48
-36
-24
-12
0
12
24
36
48
60
1.00E+02
1.00E+04
1.00E+06
-180
-144
-108
-72
-36
0
36
72
108
144
180
Gain
Phase
Gain
Phase



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com