Electronic Components Datasheet Search
  English  ▼

X  

MP3428GL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3428GL
Description  17A, 600kHz, 20V Wide Input Synchronous Boost Converter EV Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3428GL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3428GL Datasheet HTML 1Page - Monolithic Power Systems MP3428GL Datasheet HTML 2Page - Monolithic Power Systems MP3428GL Datasheet HTML 3Page - Monolithic Power Systems MP3428GL Datasheet HTML 4Page - Monolithic Power Systems MP3428GL Datasheet HTML 5Page - Monolithic Power Systems MP3428GL Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EV3428-L-00A
17A, 600kHz, 20V Wide Input Synchronous
Boost Converter EV Board
EV3428-L-00A Rev.1.1
www.MonolithicPower.com
1
11/5/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The
EV3428-L-00A
Evaluation
Board
is
designed to demonstrate the performances of
MPS’ MP3428, which can provide 25W load
from 3.3V input.
The MP3428 is a 600 kHz fixed frequency, high
efficiency, wide input range, current mode boost
converter with optional internal or external
current
sensing
configuration
for
high
integration or high power application. It features
internally a 10mΩ, 24V power switch and a
synchronous gate driver for high conversion
efficiency. The MP3428 is available in a low
profile 22-pin 3mmx4mm QFN package.
This board is configured for 12V application, the
maximum output current is determined by
current
limit
or
permitted
temperature
performance.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Supply Voltage
VIN
3 – 10
V
Output Voltage
VOUT
12
V
Output
Current
IOUT
0– OCP
(1)
A
Notes:
1) High load power will lead to high IC temperature. Load power
should be limited based on temperature performance even
current limit is not triggered.
FEATURES
• 3V-to-20V Wide Input Range
• Integrated 10mΩ Low-side Power FET
• SDR Driver for Synchronous Solution
• >17A Switch Current Limit if Sense
Current Internally
• Up to 96% efficiency
• Optional Internal/External Current Sensing
Configuration
• External Soft-Start and Compensation for
Higher Flexibility
• Programmable UVLO and Hysteresis
• < 1µA Shutdown Current
• Thermal Shutdown at 150℃
• Available in 3x4mm QFN-22 Package
PACKAGE APPLICATIONS
• Thunderbolt Interface
• Notebook and Tablet
• Bluetooth Audio
• Power Banks
• Fuel Cells
• POS Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology”, are Registered Trademarks
of Monolithic Power Systems, Inc.
EV3428-L-00A EVALUATION BOARD
(L × W × H) 6.3cm × 6.3cm × 1.3cm
Board Number
MPS IC Number
EV3428-L-00A
MP3428GL
40
45
50
55
60
65
70
75
80
85
90
95
100
0.001
0.01
0.1
1
10


Similar Part No. - MP3428GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3428GL MPS-MP3428GL Datasheet
930Kb / 20P
17A, 600kHz, 20V Wide Input Range, Synchronous Boost Converter in a small 3x4mm QFN Package
More results

Similar Description - MP3428GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP9184 MPS-MP9184 Datasheet
913Kb / 20P
17A, 600kHz, 20V, Wide Input Range, Synchronous Boost Converter in a Small 3mm x 4mm QFN Package
MP9184A MPS-MP9184A Datasheet
1Mb / 26P
19A, 600kHz, 20V Wide Input Range, Synchronous Boost Converter with Input Disconnect Function
MP3427 MPS-MP3427 Datasheet
905Kb / 20P
17A, 600kHz, 8V Wide Input Range Synchronous Boost Converter in a small 3x4mm QFN Package
MP3428 MPS-MP3428 Datasheet
930Kb / 20P
17A, 600kHz, 20V Wide Input Range, Synchronous Boost Converter in a small 3x4mm QFN Package
MP3428A MPS-MP3428A Datasheet
1Mb / 26P
19A, 600kHz, 20V Wide Input Range, Synchronous Boost Converter with Input Disconnect Function
EV3908DK-00B MPS-EV3908DK-00B Datasheet
260Kb / 5P
High Efficiency Synchronous Boost Converter EV Board
EV3410DJ-00A MPS-EV3410DJ-00A Datasheet
156Kb / 4P
1.8V Minimum Input, 3.3V/300mA Output Synchronous Boost Converter EV Board
EV3427-L-00A MPS-EV3427-L-00A Datasheet
523Kb / 8P
17A, 600kHz, 8V Wide Input Range Synchronous Boost Converter EV Board
EV9151-D-00A MPS-EV9151-D-00A Datasheet
562Kb / 5P
20V, 4A 800kHz Synchronous Step-down Converter EV Board
EV9184A-L-00A MPS-EV9184A-L-00A Datasheet
1Mb / 8P
19A, 600kHz 20V Wide Input Synchronous Boost Converter EV Board
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com