Electronic Components Datasheet Search
  English  ▼

X  

L115F2 Datasheet(PDF) 3 Page - CIT Relay & Switch

Part # L115F2
Description  Single coil latching power relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

L115F2 Datasheet(HTML) 3 Page - CIT Relay & Switch

  L115F2 Datasheet HTML 1Page - CIT Relay & Switch L115F2 Datasheet HTML 2Page - CIT Relay & Switch L115F2 Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
L115F2
page 3
Dimensions
Units = mm
Bottom Views
Schematics & PC Layouts
26.85
[1.06]
31.80
[1.25]
28.50
[1.12]
12.80
[.50]
7.60
[.30]
2.50
[.10]
3.80
[.15]
10.20
[.40]
3.80
[.15]
0.80 TYP
[.03]
6.30 TYP
[.25]
3X 1.68
[.07]
2X 0.45
[.02]
2X 0.85
[.03]
3X 0.90
[.04]
31.80
[1.25]
26.85
[1.06]
6.30 TYP
[.25]
12.80
[.50]
2.50
[.10]
7.60
[.30]
3.80
[.15]
3.80
[.15]
10.20
[.40]
2X 0.45
[.02]
3X 1.68
[.07]
2X 0.85
[.03]
3X 0.90
[.04]
0.80 TYP
[.03]
20.70
[.81]
8.00 TYP
[.31]
Standard
Low Profile
R
S
-
+
+
-
+
-
S R
-
+
+
-
S R
-
+
1A
1B
1C
17.80
[.70]
10.20
[.40]
2.54
[.10]
12.86
[.51]
3.80
[.15]
2X Ø1.10
[.04]
2X Ø2.10
[.08]
10.20
[.40]
12.86
[.51]
3.80
[.15]
17.80
[.70]
10.24
[.40]
2X Ø1.10
[.04]
2X Ø2.10
[.08]
12.86
[.51]
3.80
[.15]
10.20
[.40]
2.54
[.10]
7.70
[.30]
17.80
[.70]
2X Ø1.10
[.04]
3X Ø2.10
[.08]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com