Electronic Components Datasheet Search
  English  ▼

X  

L115F2 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # L115F2
Description  Single coil latching power relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

L115F2 Datasheet(HTML) 1 Page - CIT Relay & Switch

  L115F2 Datasheet HTML 1Page - CIT Relay & Switch L115F2 Datasheet HTML 2Page - CIT Relay & Switch L115F2 Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
page 1
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
RoHS Compliant
L115F2
31.9 x 26.8 x 28.1 mm
•
Single coil latching power relay
•
UL F class rated standard
•
Heavy contact load, strong shock and vibration resistance
•
UL/CUL certified
Contact Data*
Coil Voltage
VDC
Coil Resistance
Ω +/- 10%
Pick Up Voltage
VDC (max)
80% of rated
voltage
Pulse Magnitude
ms
Coil Power
W
Operate Time
ms
Reset Time
ms
Rated
Max
.9W
1.5W
5
6.0
28
16.7
4.0
≥100
.9
1.5
15
15
12
14.4
160
96
9.6
24
28.8
640
384
19.2
48
57.6
2560
1536
38.4
Coil Data Single Coil Latching*
Features
E197852
Contact Arrangement
1A = SPST
1C = SPDT
Contact Resistance
< 50 milliohms initial
Contact Material
AgSnO2, AgSnO2In2O3
Maximum Switching Power
13850VA, 1500W
Maximum Switching Voltage
277VAC, 110VDC
Maximum Switching Current
50A
Contact Rating N.O. 30A @ 277VAC resistive, 6k cycles 25C ambient
40A @ 277VAC resistive, 6k cycles 25C ambient
50A @ 277VAC resistive, 6k cycles 25C ambient
N.C. 30A @ 277VAC resistive, 6k cycles 25C ambient
40A @ 277VAC resistive, 6k cycles 25C ambient
50A @ 277VAC resistive, 6k cycles 25C ambient
Electrical Life @ rated load
50K cycles, average
Mechanical Life
1M cycles, average
Insulation Resistance
1000 Ω min. @ 500VDC initial
Dielectric Strength
Coil to Contact 2500V rms min. @ sea level initial
Contact to Contact 1500V rms min. @ sea level initial
Shock Resistance
200m/s2 for 11 ms
Vibration Resistance
1.50mm double amplitude 10~40Hz
Operating Temperature
-55oC to +125oC
Storage Temperature
-55oC to +155oC
Solderability
270oC for 5 s
Weight
28g, 20g (no cover)
General Data*
RoHS
•
Single coil latching power relay
Features
* Values can change due to the switching frequency, desired reliability levels, environmental conditions and in-rush load levels. It is recommended to test actual load conditions for the
application. It is the user’s responsibility to determine the performance suitability for their specific application. The use of any coil voltage less than the rated coil voltage may compromise
the operation of the relay.


Similar Part No. - L115F2

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
L115F1 CIT-L115F1 Datasheet
128Kb / 3P
Single coil latching power relay
L115F11AH12VDCC.9U CIT-L115F11AH12VDCC.9U Datasheet
128Kb / 3P
Single coil latching power relay
L115F11AH12VDCC1.5U CIT-L115F11AH12VDCC1.5U Datasheet
128Kb / 3P
Single coil latching power relay
L115F11AH12VDCN.9U CIT-L115F11AH12VDCN.9U Datasheet
128Kb / 3P
Single coil latching power relay
L115F11AH12VDCN1.5U CIT-L115F11AH12VDCN1.5U Datasheet
128Kb / 3P
Single coil latching power relay
More results

Similar Description - L115F2

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
JE12 HONGFA-JE12 Datasheet
94Kb / 4P
HIGH POWER LATCHING RELAY
logo
Tyco Electronics
2-1393100-3 MACOM-2-1393100-3 Datasheet
154Kb / 2P
10 Amp Dual Coil Latching Relay
2-1393100-4 MACOM-2-1393100-4 Datasheet
154Kb / 2P
10 Amp Dual Coil Latching Relay
2-1393100-5 MACOM-2-1393100-5 Datasheet
154Kb / 2P
10 Amp Dual CoiL Latching Relay
2-1393100-6 MACOM-2-1393100-6 Datasheet
154Kb / 2P
10 Amp Dual Coil Latching Relay
2-1393100-7 MACOM-2-1393100-7 Datasheet
154Kb / 2P
10 Amp Dual Coil Latching Relay
2-1393100-9 MACOM-2-1393100-9 Datasheet
154Kb / 2P
10 Amp Dual Coil Latching Relay
2-1419106-8 MACOM-2-1419106-8 Datasheet
154Kb / 2P
10 Amp Dual Coil Latching Relay
logo
CIT Relay & Switch
L114FL CIT-L114FL Datasheet
138Kb / 4P
Single coil or double latching power relay
L115F1 CIT-L115F1 Datasheet
128Kb / 3P
Single coil latching power relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com