Electronic Components Datasheet Search
  English  ▼

X  

DAC5674 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5674
Description  14BIT 400 MSPS, 2 X/ 4X INTERPOLATING COMMS DAC DIGITAL TO ANALOG CONVERTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5674 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC5674 Datasheet HTML 9Page - Texas Instruments DAC5674 Datasheet HTML 10Page - Texas Instruments DAC5674 Datasheet HTML 11Page - Texas Instruments DAC5674 Datasheet HTML 12Page - Texas Instruments DAC5674 Datasheet HTML 13Page - Texas Instruments DAC5674 Datasheet HTML 14Page - Texas Instruments DAC5674 Datasheet HTML 15Page - Texas Instruments DAC5674 Datasheet HTML 16Page - Texas Instruments DAC5674 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
DAC5674
SLWS148 − SEPTEMBER 2003
www.ti.com
13
DETAILED DESCRIPTION
Figure 1 shows a simplified block diagram of the DAC5674. The CMOS device consists of a segmented array
of PMOS current sources, capable of delivering a full-scale output current up to 20 mA. Differential current
switches direct the current of each current source to either one of the complementary output nodes IOUT1 or
IOUT2. The complementary output currents thus enable differential operation, canceling out common mode
noise sources (digital feed-through, on-chip, and PCB noise), dc offsets, even order distortion components, and
increase signal output power by a factor of two.
The full-scale output current is set using an external resistor RBIAS in combination with an on-chip bandgap
voltage reference source (1.2 V) and control amplifier. The current IBIAS through resistor RBIAS is mirrored
internally to provide a full-scale output current equal to 32 times IBIAS. The full-scale current can be adjusted
from 20 mA down to 2 mA.
Interpolation Filter
The interpolation filters FIR1 and FIR2 can be configured for either low-pass or high-pass response. In this way,
higher order images can be selected. This is shown in Table 1. Table 2 shows the DAC IF output range for the
different filter response combinations, for both the first and second Nyquist zone (after interpolation). Table 3
lists the DAC IF output ranges for two popular GSM data rates. Table 3 shows the W-CDMA IF carrier center
frequency for an input data rate of 61.44 MSPS and a fundamental input IF of 15.36 MHz. Figure 15 shows the
spectral response; the corresponding nonzero tap weights are:
D [5, −20, 50, −108, 206, −361, 597, −947, 1467, −2267, 3633, −6617, 20746, 32768]
f / fin
−150
−100
−50
0
0.0
0.2
0.4
0.6
0.8
1.0
AMPLITUDE
vs
FREQUENCY
f / fin
0.0
0.2
0.4
0.6
0.8
1.0
0.005
AMPLITUDE
vs
FREQUENCY
−0.005
0.000
Figure 15. FIR1 and FIR2 Magnitude Spectrum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com