Electronic Components Datasheet Search
  English  ▼

X  

DAC5674 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5674
Description  14BIT 400 MSPS, 2 X/ 4X INTERPOLATING COMMS DAC DIGITAL TO ANALOG CONVERTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5674 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC5674 Datasheet HTML 12Page - Texas Instruments DAC5674 Datasheet HTML 13Page - Texas Instruments DAC5674 Datasheet HTML 14Page - Texas Instruments DAC5674 Datasheet HTML 15Page - Texas Instruments DAC5674 Datasheet HTML 16Page - Texas Instruments DAC5674 Datasheet HTML 17Page - Texas Instruments DAC5674 Datasheet HTML 18Page - Texas Instruments DAC5674 Datasheet HTML 19Page - Texas Instruments DAC5674 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
DAC5674
SLWS148 − SEPTEMBER 2003
www.ti.com
16
Low-Pass/High-Pass 4x Interpolation Filter Operation
By configuring the low-pass filters as high-pass filters the user can select one of the images present at multiples
of the clock. Figure 17 shows the low-pass/high-pass filter response. After digital filtering, the DAC transmits
at
2Fdata − IF and 2Fdata + IF. This configuration is equivalent to sub-sampling receiver systems where a
high-speed analog-to-digital converter samples high IF frequencies with relatively low sample rates, resulting
in low (output) data rates.
The placement of the IF in the first Nyquist zone combined with the DAC5674 input data determines the final
output signal frequency. For Fdata = 100 MSPS and a fundamental IF of 0.4 x Fdata = 40 MHz, this would translate
into images located at 160 MHz and 240 MHz. Note that this is the equivalent of mixing a 40-MHz analog IF
signal with a 200-MHz sine wave. By doing this, the first mixer in the total transmission chain is eliminated.
80 dB
80 dB
Input Spectrum
Output DUC
Fdata
0IF
2Fdata
3Fdata
4Fdata
First
2x Interpolation
Filter
Fdata
0IF
2Fdata
3Fdata
4Fdata
Spectrum After
2x Interpolation
Fdata
0IF
2Fdata
3Fdata
4Fdata
Second
2x Interpolation
Filter
Fdata
0IF
2Fdata
3Fdata
4
Fdata
Spectrum After
4x Interpolation
0IF
2Fdata
4Fdata
=
Fupdate
Fdata)IF
3Fdata*IF
Transition Band
+(Fdata*2IF) Fdata
Normalized Transition Band
+(1*2 0.4) 1+0.2
Transition Band
+(Fdata*IF) Fdata
Normalized Transition Band
+(1*0.4) 1+0.6
Fdata
3Fdata
Figure 17. Low-Pass 2x, High-Pass 2x Interpolation Filter Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com