Electronic Components Datasheet Search
  English  ▼

X  

HAB709A Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # HAB709A
Description  GENERAL PURPOSE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

HAB709A Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  HAB709A Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HAB709A Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HAB709A Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HAB709A Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©GUANGDONG HOTTECH INDUSTRIAL CO.,LTD
E-mail:hkt@heketai.com
1 / 4
HAB709A(PNP)
GENERAL PURPOSE TRANSISTOR
REPLACEMENT TYPE :2SB709A
FEATURES
For General Amplification
Complementary to HAD601A
MAXIMUM RATINGS (TA= 25°C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA= 25°C unless otherwise noted)
Parameter
Symbol Test conditions
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
VCBO
IC=-10μA,IE=0
-45
V
Collector-Emitter Breakdown Voltage
VCEO
IC=-2mA,IB=0
-45
V
Emitter-Base Breakdown Voltage
VEBO
IE=-10uA,IC=0
-7
V
Collector Cut-off Current
ICBO
VCB=-20V,IE=0
-0.1
μA
Collector Cut-off Current
ICEO
VCE=-10V, IB=0
-100
μA
DC Current Gain
hFE
VCE=-10V,IC=-2mA
160
460
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-100mA,IB=-10mA
-0.5
V
Transition Frequency
fT
VCE=-10V,IC=-1mA,f=200MHz
60
MHz
Collector Output Capacitance
COB
VCB=-10V, IE=0,f=1MHz
2.7
pF
Rank
Q
R
S
Range
160-260
210-340
290-460
Marking
BQ1
BR1
BS1
Parameter
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-45
V
Collector-Emitter Voltage
VCEO
-45
V
Emitter-Base Voltage
VEBO
-7
V
Collector Current-Continuous
IC
-100
mA
Collector Power Dissipation
PC
200
mW
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
-55-150
°C
SOT-23
CLASSIFICATION OF hFE
1: BASE
2:EMITTER
3: COLLECTOR


Similar Part No. - HAB709A

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
HAB EDI-HAB Datasheet
77Kb / 2P
3 AMPERE AXIAL LEAD RECTIFIERS
logo
Apex Electronics Co., L...
HAB APEX-ELECTRONICS-HAB Datasheet
381Kb / 1P
Pushbutton switch, side actuated, push to lock
logo
HuaXinAn Electronics CO...
HAB-102M HUAXINAN-HAB-102M Datasheet
317Kb / 5P
Small capacitance and excellent insulation resistance
HAB-141N HUAXINAN-HAB-141N Datasheet
317Kb / 5P
Small capacitance and excellent insulation resistance
HAB-181N HUAXINAN-HAB-181N Datasheet
317Kb / 5P
Small capacitance and excellent insulation resistance
More results

Similar Description - HAB709A

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com