Electronic Components Datasheet Search
  English  ▼

X  

HAB709A Datasheet(PDF) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # HAB709A
Description  GENERAL PURPOSE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

HAB709A Datasheet(HTML) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  HAB709A Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HAB709A Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HAB709A Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HAB709A Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©GUANGDONG HOTTECH INDUSTRIAL CO.,LTD
E-mail:hkt@heketai.com
2 / 4
HAB709A(PNP)
GENERAL PURPOSE TRANSISTOR
Typical Characteristics
-0.1
-1
-10
1
10
100
-1
-10
-100
0
50
100
150
200
250
-0.1
-1
-10
-100
0
100
200
300
400
500
600
0
25
50
75
100
125
150
0
50
100
150
200
250
-0
-5
-10
-15
-0
-1
-2
-3
-4
-5
-6
-7
-8
-1
-10
-100
-0
-50
-100
-150
-200
f=1MHz
I
E
=0 / I
C
=0
T
a
=25
oC
REVERSE VOLTAGE
V
(V)
V
CB
/ V
EB
C
ob
/ C
ib
——
C
ib
C
ob
-20
COLLECTOR CURRENT
I
C
(mA)
V
CE
=-10V
T
a
=25
oC
I
C
f
T
——
V
CE
= -10V
T
a
=100
oC
T
a
=25
oC
COLLECTOR CURRENT
I
C
(mA)
I
C
h
FE
——
AMBIENT TEMPERATURE
T
a
(
)
℃
P
c
——
T
a
COMMON
EMITTER
T
a
=25℃
-3.0uA
-2.7uA
-2.4uA
-21uA
-18uA
-15uA
-12uA
-9uA
-6uA
I
B
=-3uA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
Static Characteristic
β=10
T
a
=25℃
T
a
=100℃
β=10
COLLECTOR CURRENT
I
C
(mA)
V
CEsat
——
I
C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com